Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1461ACS8-5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1461ACS8-5
Description  Micropower Precision Low Dropout Series Voltage Reference Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1461ACS8-5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1461ACS8-5 Datasheet HTML 6Page - Linear Technology LT1461ACS8-5 Datasheet HTML 7Page - Linear Technology LT1461ACS8-5 Datasheet HTML 8Page - Linear Technology LT1461ACS8-5 Datasheet HTML 9Page - Linear Technology LT1461ACS8-5 Datasheet HTML 10Page - Linear Technology LT1461ACS8-5 Datasheet HTML 11Page - Linear Technology LT1461ACS8-5 Datasheet HTML 12Page - Linear Technology LT1461ACS8-5 Datasheet HTML 13Page - Linear Technology LT1461ACS8-5 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1461
Precision Regulator
The LT1461 will deliver 50mA with VIN = VOUT + 2.5V and
higher load current with higher VIN. Load regulation is
typically 12ppm/mA, which means for a 50mA load step,
the output will change by only 1.5mV. Thermal regulation,
caused by die temperature gradients and created from
load current or input voltage changes, is not measurable.
This often overlooked parameter must be added to normal
line and load regulation errors. The load regulation photo,
on the first page of this data sheet, shows the output
response to 200mW of instantaneous power dissipation
and the reference shows no sign of thermal errors. The
reference has thermal shutdown and will turn off if the
junction temperature exceeds 150
°C.
Shutdown
The shutdown (Pin 3 low) serves to shut off load current
when the LT1461 is used as a regulator. The LT1461
operates normally with Pin 3 open or greater than or equal
to 2.4V. In shutdown, the reference draws a maximum
supply current of 35
µA. Figure 3 shows the transient
response of shutdown while the part is delivering 25mA.
After shutdown, the reference powers up in about 200
µs.
5V
1461 F03
Figure 3. Shutdown While Delivering 25mA, RL = 100Ω
0V
PIN 3
0V
VOUT
PC Board Layout
In 13- to 16-bit systems where initial accuracy and tem-
perature coefficient calibrations have been done, the me-
chanical and thermal stress on a PC board (in a card cage
for instance) can shift the output voltage and mask the true
temperature coefficient of a reference. In addition, the
mechanical stress of being soldered into a PC board can
cause the output voltage to shift from its ideal value.
Surface mount voltage references are the most suscep-
tible to PC board stress because of the small amount of
plastic used to hold the lead frame.
A simple way to improve the stress-related shifts is to
mount the reference near the short edge of the PC board,
or in a corner. The board edge acts as a stress boundary,
or a region where the flexure of the board is minimum. The
package should always be mounted so that the leads
absorb the stress and not the package. The package is
generally aligned with the leads parallel to the long side of
the PC board as shown in Figure 5a.
A qualitative technique to evaluate the effect of stress on
voltage references is to solder the part into a PC board and
deform the board a fixed amount as shown in Figure 4. The
flexure #1 represents no displacement, flexure #2 is
concave movement, flexure #3 is relaxation to no dis-
placement and finally, flexure #4 is a convex movement.
This motion is repeated for a number of cycles and the
APPLICATIO S I FOR ATIO
1
2
3
4
1461 F04
Figure 4. Flexure Numbers


Similar Part No. - LT1461ACS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461ACS8-5#PBF LINER-LT1461ACS8-5#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461ACS8-5#TRPBF LINER-LT1461ACS8-5#TRPBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results

Similar Description - LT1461ACS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com