Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1461DHS8-4 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1461DHS8-4
Description  Micropower Precision Low Dropout Series Voltage Reference Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1461DHS8-4 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1461DHS8-4 Datasheet HTML 2Page - Linear Technology LT1461DHS8-4 Datasheet HTML 3Page - Linear Technology LT1461DHS8-4 Datasheet HTML 4Page - Linear Technology LT1461DHS8-4 Datasheet HTML 5Page - Linear Technology LT1461DHS8-4 Datasheet HTML 6Page - Linear Technology LT1461DHS8-4 Datasheet HTML 7Page - Linear Technology LT1461DHS8-4 Datasheet HTML 8Page - Linear Technology LT1461DHS8-4 Datasheet HTML 9Page - Linear Technology LT1461DHS8-4 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1461
TYPICAL PERFOR A CE CHARACTERISTICS Characteristic curves are similar for most LT1461s.
Curves from the LT1461-2.5 and the LT1461-5 represent the extremes of the voltage options. Characteristic curves for other output
voltages fall between these curves and can be estimated based on their output.
5V Reference Voltage
vs Temperature
5V Line Regulation
vs Temperature
5V Load Regulation
5V Ripple Rejection Ratio
vs Frequency
5V Minimum Input/Output Voltage
Differential vs Load Current
5V Supply Current
vs Input Voltage
TEMPERATURE (
°C)
–60
5.0040
5.0030
5.0020
5.0010
5.0000
4.9990
4.9980
4.9970
4.9960
4.9950
4.9940
4.9930
–20
20
40
1461 G13
–40
0
60
80 100 120
TEMPCO –60
°C TO 120°C
3 TYPICAL PARTS
OUTPUT CURRENT (mA)
0.1
800
1200
1600
1
10
100
1461 G14
400
0
2000
VIN = 10V
125
°C
125
°C
25
°C
25
°C
–55
°C
–55
°C
TEMPERATURE (
°C)
–40
–4
–2
120
1461 G15
–6
–8
0
40
80
–20
20
60
100
0
–5
–3
–7
–1
SUPPLY
∆ = 14V
6V TO 20V
OUTPUT CURRENT (mA)
0.1
0.01
0.1
1
10
1
10
100
1461 G16
125
°C
–55
°C
25
°C
INPUT VOLTAGE (V)
10
100
1000
10000
010
15
20
1
5
25
1461 G17
125
°C
–55
°C
25
°C
FREQUENCY (kHz)
0.01
40
50
60
70
80
0.1
1
10
100
1000
1461 G18
30
20
10
0
90
100
5V Output Impedance vs Frequency
5V Turn-On Time
FREQUENCY (kHz)
0.01
1
10
100
1000
0.1
1
10
1461 G19
COUT = 2µF
COUT = 1µF
200
µs/DIV
VIN
6
4
2
0
4
2
0
1461 G20
VOUT
CIN = 1µF
COUT = 2µF
IOUT = 0
200
µs/DIV
VIN
6
4
2
0
4
2
0
1461 G21
VOUT
CIN = 1µF
COUT = 2µF
IOUT = 50mA
5V Turn-On Time


Similar Part No. - LT1461DHS8-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LT1461 LINER-LT1461 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT1461 LINER-LT1461 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT1461 LINER-LT1461 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
logo
Linear Integrated Syste...
LT1461 LINEAR-LT1461 Datasheet
105Kb / 8P
   2.5V Reference
More results

Similar Description - LT1461DHS8-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com