Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460ACN8-2.5 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1460ACN8-2.5
Description  Micropower Precision Series Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460ACN8-2.5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1460ACN8-2.5 Datasheet HTML 7Page - Linear Technology LT1460ACN8-2.5 Datasheet HTML 8Page - Linear Technology LT1460ACN8-2.5 Datasheet HTML 9Page - Linear Technology LT1460ACN8-2.5 Datasheet HTML 10Page - Linear Technology LT1460ACN8-2.5 Datasheet HTML 11Page - Linear Technology LT1460ACN8-2.5 Datasheet HTML 12Page - Linear Technology LT1460ACN8-2.5 Datasheet HTML 13Page - Linear Technology LT1460ACN8-2.5 Datasheet HTML 14Page - Linear Technology LT1460ACN8-2.5 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT1460
11
1460f
FREQUENCY (kHz)
0.01
0.1
1
10
110
0.1
100
1460 G33
TIME (SEC)
0
8
1460 G34
2
4
6
10
12
14
INPUT FREQUENCY (kHz)
20
40
60
50
80
100
10
30
70
90
0.1
10
100
1000
1460 G30
0
1
FREQUENCY (kHz)
1
10
100
1000
0.01
1
10
100
0.1
0.1
1000
1460 G31
CL = 0µF
CL = 1µF
CL = 0.1µF
IOUT = 10mA
200
µs/DIV
10
1
0.1
0
1460 G32
TEMPERATURE (
°C)
–50
9.982
9.986
9.990
9.994
9.998
10.006
–25
025
50
1460 G27
75
100
10.002
3 TYPICAL PARTS
INPUT VOLTAGE (V)
0
240
320
400
16
1460 G28
160
80
200
280
360
120
40
0
4
8
12
218
6
10
14
20
–55
°C
125
°C
25
°C
INPUT VOLTAGE (V)
6
9.980
9.984
9.988
9.992
9.996
10.004
10
14
18
1460 G29
8
12
16
20
10.000
–55
°C
125
°C
25
°C
10V Output Voltage
Temperature Drift
10V Supply Current vs Input
Voltage
10V Line Regulation
10V Power Supply Rejection
Ratio vs Frequency
10V Output Impedance vs
Frequency
10V Transient Responses
10V Output Voltage Noise
Spectrum
10V Output Noise 0.1Hz to 10Hz
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1460ACN8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460ACN8-2.5-PBF LINER-LT1460ACN8-2.5-PBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460ACN8-2.5-TRPBF LINER-LT1460ACN8-2.5-TRPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460ACN8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com