Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T605-019.44M Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # T605-019.44M
Description  Telecom Performance TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

T605-019.44M Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  T605-019.44M Datasheet HTML 1Page - Connor-Winfield Corporation T605-019.44M Datasheet HTML 2Page - Connor-Winfield Corporation T605-019.44M Datasheet HTML 3Page - Connor-Winfield Corporation T605-019.44M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
TCXO
VCTCXO
3.3V Operation
LVCMOS Output
Clipped Sinewave Output
Frequency Stability:
T50x/T60xSeries+/-0.28ppm
T51x/T61x-Series+/-0.50ppm
T52x/T62x-Series+/-1.00ppm
Temperature Range:
T5xx-Series 0 to 70°C
T6xx-Series -40 to 85°C
Low Jitter <1pS RMS
Tri-State Enable/Disable
Surface Mount Package
Tape and Reel Packing
RoHS Compliant / Lead Free
4
5
1
2
3
6
7
8
9
10
Vcc
Supply
Voltage
N/C - TCXO
VC- VCTCXO
DNC DNC DNC
DNC DNC
Output
15 pF
.01 uF
Bypass
E/D
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
LVCMOS Test Circuit
Features
Absolute Maximum Ratings
Table 2.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
Storage Temperature
-55
-
125
°C
Supply Voltage (Vcc)
-0.5
-
6.0
Vdc
Input Voltage (Vcc)
-0.5
-
Vcc+0.6
Vdc
Model Specifications
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx176
2of4
07
25 Aug 2008
Table 3.0
Model Number
T502
T503
T504
T505
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.28ppm
1
Supply Voltage
3.3Vdc
Temperature Range
0 to 70°C
Holdover Stability
±0.32ppm
2
Table 4.0
Model Number
T602
T603
T604
T605
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.28ppm
1
Supply Voltage
3.3Vdc
Temperature Range
-40 to 85°C
Holdover Stability
±0.32ppm
2
Table 5.0
Model Number
T512
T513
T514
T515
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.50ppm
1
Supply Voltage
3.3Vdc
Temperature Range
0 to 70°C
Table 6.0
Model Number
T612
T613
T614
T615
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.50ppm
1
Supply Voltage
3.3Vdc
Temperature Range
-40 to 85°C
Table 7.0
Model Number
T522
T523
T524
T525
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
FrequencyRange
6.4to52MHz
Frequency Stability
±1.00ppm
1
Supply Voltage
3.3Vdc
Temperature Range
0 to 70°C
Table 8.0
Model Number
T622
T623
T624
T625
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
FrequencyRange
6.4to52MHz
Frequency Stability
±1.00ppm
1
Supply Voltage
3.3Vdc
Temperature Range
-40 to 85°C
Notes:
1) Frequency stability vs. change in temperature. [±(Fmax – Fmin)/2.Fo].
2) Inclusive of frequency stability, supply voltage change (±1%), aging, for 24 hours.


Similar Part No. - T605-019.44M

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
T60 TOTAL-POWER-T60 Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
Tyco Electronics
T60-150FR MACOM-T60-150FR Datasheet
48Kb / 1P
   CABLE BREAKOUT BOOTS, THREE ENTRY
logo
List of Unclassifed Man...
T60-24C3 ETC2-T60-24C3 Datasheet
490Kb / 2P
   C L A S S 2 T R ANS FORME R S
logo
Bothhand USA, LP.
T60-9313 BOTHHAND-T60-9313 Datasheet
45Kb / 1P
   60 Watts Switching Power Supply
logo
EPCOS
T60-A260X EPCOS-T60-A260X Datasheet
27Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T605-019.44M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TV504-019.2M CONNOR-WINFIELD-TV504-019.2M Datasheet
169Kb / 4P
   Telecom Performance TCXO / VCTCXO
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T602-030M CONNOR-WINFIELD-T602-030M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TF5B-019.2M CONNOR-WINFIELD-TF5B-019.2M Datasheet
205Kb / 2P
   Ultra Precise TCXO/VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com