Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460KCS3-3.3 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1460KCS3-3.3
Description  Micropower Precision Series Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460KCS3-3.3 Datasheet(HTML) 3 Page - Linear Technology

  LT1460KCS3-3.3 Datasheet HTML 1Page - Linear Technology LT1460KCS3-3.3 Datasheet HTML 2Page - Linear Technology LT1460KCS3-3.3 Datasheet HTML 3Page - Linear Technology LT1460KCS3-3.3 Datasheet HTML 4Page - Linear Technology LT1460KCS3-3.3 Datasheet HTML 5Page - Linear Technology LT1460KCS3-3.3 Datasheet HTML 6Page - Linear Technology LT1460KCS3-3.3 Datasheet HTML 7Page - Linear Technology LT1460KCS3-3.3 Datasheet HTML 8Page - Linear Technology LT1460KCS3-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT1460
3
1460f
PACKAGE/ORDER I FOR ATIO
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
VIN
DNC*
GND
DNC*
DNC*
VOUT
DNC*
N8 PACKAGE
8-LEAD PLASTIC DIP
*CONNECTED INTERNALLY.
DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS
TJMAX = 150°C, θJA = 130°C/W
ORDER PART NUMBER
LT1460ACN8-2.5
LT1460BIN8-2.5
LT1460DCN8-2.5
LT1460EIN8-2.5
LT1460ACN8-5
LT1460BIN8-5
LT1460DCN8-5
LT1460EIN8-5
LT1460ACN8-10
LT1460BIN8-10
LT1460DCN8-10
LT1460EIN8-10
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
DNC*
VOUT
DNC*
DNC*
VIN
DNC*
GND
S8 PACKAGE
8-LEAD PLASTIC SO
*CONNECTED INTERNALLY.
DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS
TJMAX = 150°C, θJA = 190°C/W
ORDER PART NUMBER
S8 PART MARKING
LT1460ACS8-2.5
LT1460BIS8-2.5
LT1460DCS8-2.5
LT1460EIS8-2.5
LT1460LHS8-2.5
LT1460MHS8-2.5
1460A2
460BI2
1460D2
460EI2
60LH25
60MH25
LT1460ACS8-5
LT1460BIS8-5
LT1460DCS8-5
LT1460EIS8-5
LT1460LHS8-5
LT1460MHS8-5
1460A5
460BI5
1460D5
460EI5
460LH5
460MH5
LT1460ACS8-10
LT1460BIS8-10
LT1460DCS8-10
LT1460EIS8-10
1460A1
460BI1
1460D1
460EI1


Similar Part No. - LT1460KCS3-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460KCS3-3.3 LINER-LT1460KCS3-3.3 Datasheet
197Kb / 12P
   Family of Micropower Series References in SOT-23
LT1460KCS3-3.3-TRMPBF LINER-LT1460KCS3-3.3-TRMPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460KCS3-3.3-TRPBF LINER-LT1460KCS3-3.3-TRPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460KCS3-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com