Electronic Components Datasheet Search |
|
M47E-010.0M Datasheet(PDF) 3 Page - Connor-Winfield Corporation |
|
M47E-010.0M Datasheet(HTML) 3 Page - Connor-Winfield Corporation |
3 / 4 page 2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com US Headquarters: 630-851-4722 European Headquarters: +353-61-472221 Bulletin Page Revision Date Tx193 3of4 P05 29 May 2008 Electrical Specifications for all Models Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation Features Test Circuit 2.5V or 3.3V Operation Clipped Sinewave Output Logic Sub-Miniature 3.2x5.0mm SMT Package Frequency Stabilities Available: ±1.00ppm or ±2. 0ppm Temperature Ranges Available: 0to70 C -20 to 70 C -30 to 8 C Low Power <2mA Low Jitter <1pS RMS Tape and Reel Packaging RoHS Compliant / Lead Free Recommended for new designs ±0.50ppm, 0 5 ° ° ° 4 5 2 3 6 7 8 1 Vcc Supply Voltage N/C - TCXO VC - VCTCXO DNC N/C N/C .01 uF Bypass Output 10 pF 10Kohm N/C AC Coupling Capacitor ABSOLUTE MAXIMUM RATINGS PARAMETER UNITS MINIMUM NOMINAL MAXIMUM UNITS NOTE Storage Temperature -55 - 125 °C Supply Voltage (Vcc) -0.5 - 6.0 Vdc Input Voltage (Vc) -0.5 - Vcc+0.5 Vdc OPERATING SPECIFICATIONS PARAMETER MINIMUM NOMINAL MAXIMUM UNITS NOTE Frequency Range 6.4 - 40 MHz Frequency Calibration (TCXO Models) -1.00 - 1.00 ppm 1 Aging First Year -1.0 - 1.0 ppm Total Aging for 10 years -4.6 - 4.6 ppm Supply Voltage Variation. (Vcc±5%) -0.025 - 0.025 ppm Load Coefficient, ±5pF -0.025 - 0.025 ppm Static Temperature Hysteresis -0.4 - 0.4 ppm 2 Frequency shift after reflow soldering -1.00 - 1.00 ppm 3 Supply Voltage 2.5v Models (Vcc) 2.375 2.500 2.625 Vdc 4 3.3V Models (Vcc) 3.135 3.300 3.465 Vdc 4 Supply Current (Icc) - - 2 mA Jitter (BW=10Hz to 20MHz) - - 5 ps rms Jitter (BW=12kHz to 20MHz) - - 1 ps rms SSB Phase Noise at 10Hz offset - -80 - dBc/Hz SSB Phase Noise at 100Hz offset - -110 - dBc/Hz SSB Phase Noise at 1KHz offset - -130 - dBc/Hz SSB Phase Noise at >10KHz offset - -145 - dBc/Hz INPUT CHARACTERISTICS for VOLTAGE CONTROL (Pad 1) PARAMETER MINIMUM NOMINAL MAXIMUM UNITS Notes Control Voltage Range 2.5v Models (Vc) 0.2 1.2 2.2 Vdc 3.3v Models (Vc) 0.5 1.5 2.5 Frequency Tuning ±10 - - ppm Linearity ±5 - - % Slope Positive CLIPPED SINEWAVE OUTPUT CHARACTERISTICS (Pad 6) PARAMETER MINIMUM NOMINAL MAXIMUM UNITS Notes Output Voltage 1.00 - - V pk-pk Load 5 Output Load Resistance - 10K - Ohms Output Load Capacitance - 10 - pF ENVIRONMENTALS Vibration: Vibration per Mil Std 883E Method 2007.3 Test Condition A Shock: Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B. Soldering: RoHS compliant, lead free. See solder profile page 4. Sollderability Sollderability per Mil Std 883E Method 2003 PACKAGE CHARACTERISTICS Package Ceramic Surface Mount Package. Note: 1) TCXO: Initial calibration @ 25 C. Specifications at time of shipment after 48 hours of operation. 2) Frequency change after reciprocal temperature ramped over the operating range. Frequency measured before and after at 25ºC. 3) Within two hours after reflow. 4) For best in application performance, careful selection of an external power source is critical. Select an external regulator that meets or exceeds to following specifications regarding voltage regulation tolerance, initial accuracy, temperature coefficient, voltage noise, and low voltage noise density. Factory Test Conditions: Initial Accuracy ±2mv, Noise (0.1Hz to 10 KHz) 15uV p-p, Voltage Noise Density = 50nV/sqrt Hz, Temperature Coefficient < 5ppm/°C. 5) Output is DC coupled |
Similar Part No. - M47E-010.0M |
|
Similar Description - M47E-010.0M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |