Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBAT-540C-TR1G Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HBAT-540C-TR1G
Description  High Performance Schottky Diode for Transient Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HBAT-540C-TR1G Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HBAT-540C-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Applications Information
Schottky Diode Fundamentals
The HBAT-540x series of clipping/clamping diodes
are Schottky devices. A Schottky device is a rectifying,
metal-semiconductorcontactformedbetweenametal
andann-dopedorap-dopedsemiconductor.Whena
metal-semiconductorjunctionisformed,freeelectrons
flowacrossthejunctionfromthesemiconductorandfill
thefree-energystatesinthemetal.Thisflowofelectrons
createsadepletionorpotentialacrossthejunction.The
differenceinenergylevelsbetweensemiconductorand
metaliscalledaSchottkybarrier.
P-doped, Schottky-barrier diodes excel at applications
requiringultralowturn-onvoltage(suchaszero-biased
RF detectors). But their very low, breakdown-voltage
and high series-resistance make them unsuitable for
the clipping and clamping applications involving high
forward currents and high reverse voltages. Therefore,
this discussion will focus entirely on n-doped Schottky
diodes.
Underaforwardbias(metalconnectedtopositiveinan
n-dopedSchottky),orforwardvoltage,VF,therearemany
electronswithenoughthermalenergytocrossthebarrier
potentialintothemetal.Oncetheappliedbiasexceeds
thebuilt-inpotentialofthejunction,theforwardcurrent,
IF,willincreaserapidlyasVFincreases.
WhentheSchottkydiodeisreversebiased,thepotential
barrier for electrons becomes large; hence, there is
a small probability that an electron will have suffi-
cientthermalenergytocrossthejunction.Thereverse
leakagecurrentwillbeinthenanoamperetomicroam-
pererange,dependinguponthediodetype,thereverse
voltage,andthetemperature.
In contrast to a conventional p-n junction, current in
the Schottky diode is carried only by majority carriers.
Because no minority carrier charge storage effects are
present, Schottky diodes have carrier lifetimes of less
than 100ps and are extremely fast switching semi-
conductors. Schottky diodes are used as rectifiers at
frequenciesof50GHzandhigher.
Another significant difference between Schottky and
p-ndiodesistheforwardvoltagedrop.Schottkydiodes
haveathresholdoftypically0.3Vincomparisontothat
of0.6Vinp-njunctiondiodes.SeeFigure6.
Figure 6.
Throughthecarefulmanipulationofthediameterofthe
Schottkycontactandthechoiceofmetaldepositedon
then-dopedsilicon,theimportantcharacteristicsofthe
diode (junction capacitance, CJ; parasitic series resis-
tance,RS;breakdownvoltage,VBR;andforwardvoltage,
VF,)canbeoptimizedforspecificapplications.TheHSMS-
70xseriesandHBAT-540xseriesofdiodesareacasein
point.
Both diodes have similar barrier heights; and this
is indicated by corresponding values of saturation
current,IS.Yet,differentcontactdiametersandepitaxial-
layerthicknessresultinverydifferentvaluesofjunction
capacitance,CJandRS.ThisisportrayedbytheirSPICE
parametersinTable1.
Table 1. HBAT-540x and HSMS-270x SPICE Parameters.
Parameter
HBAT-540x
HSMS-270x
BV
40V
5V
CJ0
3.0pF
6.7pF
EG
0.55eV
0.55eV
IBV
10E-4A
10E-4A
IS
1.0E-7A
1.4E-7A
N
1.0
1.04
RS
.4Ω
0.65Ω
PB
0.6V
0.6V
PT


M
0.5
0.5
AtlowvaluesofIF≤1mA,theforwardvoltagesofthe
twodiodesarenearlyidentical.However,ascurrentrises
above 10mA, the lower series resistance of the HSMS-
70xallowsforamuchlowerforwardvoltage.Thisgives
theHSMS-70xamuchhighercurrenthandlingcapabil-
ity.Thetrade-offisahighervalueofjunctioncapacitance.
Theforwardvoltageandcurrentplotsillustratethediffer-
encesinthesetwoSchottkydiodes,asshowninFigure
7.
P
N
CURRENT
0.6V
+
BIAS VOLTAGE
PN JUNCTION
CAPACITANCE
METAL N
CURRENT
0.3V
+
BIAS VOLTAGE
SCHOTTKY JUNCTION
CAPACITANCE


Similar Part No. - HBAT-540C-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBAT-540C-TR1 HP-HBAT-540C-TR1 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HBAT-540C-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com