Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBAT-540B-TR2G Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HBAT-540B-TR2G
Description  High Performance Schottky Diode for Transient Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HBAT-540B-TR2G Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HBAT-540B-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Part Number Ordering Information
Part Number
No. of Devices
Container
HBAT-5400-BLKG
100
AntistaticBag
HBAT-5400-TR1G
3,000
7"Reel
HBAT-5400-TRG
10,000
13"Reel
HBAT-540-BLKG
100
AntistaticBag
HBAT-540-TR1G
3,000
7"Reel
HBAT-540-TRG
10,000
13"Reel
HBAT-540B-BLKG
100
AntistaticBag
HBAT-540B-TR1G
3,000
7"Reel
HBAT-540B-TRG
10,000
13"Reel
HBAT-540C-BLKG
100
AntistaticBag
HBAT-540C-TR1G
3,000
7"Reel
HBAT-540C-TRG
10,000
13"Reel
For product information and a complete list of distributors, please go to our web site:         
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change.  Copyright © 2005-2008 Avago Technologies.  All rights reserved.  Obsoletes 5989-4779EN
AV02-1394EN - July 4, 2008
Thekeyfactorsintheseequationsare:RS,theseriesresis-
tanceofthediodewhereheatisgeneratedunderhigh
current conditions; θchip, the chip thermal resistance of
the Schottky die; and θpackage, or the package thermal
resistance.
RS for the HBAT-540x family of diodes is typically .4Ω,
other than the HSMS-70x family, this is the lowest of
anySchottkydiodeavailable.Chipthermalresistanceis
typically40°C/W;thethermalresistanceoftheiron-alloy-
leadframe,SOT-3packageistypically460°C/W;andthe
thermal resistance of the copper-leadframe, SOT-33
package is typically 110°C/W. The impact of package
thermal resistance on the current handling capability
ofthesediodescanbeseeninFigures3and4.Herethe
computed values of junction temperature vs. forward
currentareshownforthreevaluesofambienttempera-
ture.TheSOT-33products,withtheircopperleadframes,
cansafelyhandlealmosttwicethecurrentofthelarger
SOT-3diodes.Notethattheterm“ambienttemperature”
referstothetemperatureofthediode’sleads,nottheair
aroundthecircuitboard.ItcanbeseenthattheHBAT-
540BandHBAT-540CproductsintheSOT-33package
willsafelywithstandasteady-stateforwardcurrentof330
mAwhenthediode’sterminalsaremaintainedat75°C.
Forpulsedcurrentsandtransientcurrentspikesofless
than one microsecond in duration, the junction does
nothavetimetoreachthermalsteadystate.Moreover,
thediodejunctionmaybetakentotemperatureshigher
than 150°C for short timeperiods without impacting
device MTTF. Because of these factors, higher currents
can be safely handled. The HBAT-540x family has the
secondhighestcurrenthandlingcapabilityofanyAvago
diode,nexttotheHSMS-70xseries.


Similar Part No. - HBAT-540B-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBAT-540B-TR2 HP-HBAT-540B-TR2 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HBAT-540B-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com