Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBAT-540B-TR1G Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HBAT-540B-TR1G
Description  High Performance Schottky Diode for Transient Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HBAT-540B-TR1G Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HBAT-540B-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HBAT-540B-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance
Figure 2. Forward Current vs. Forward Voltage at
Temperature for HBAT-540B and HBAT-540C.
0
0.1
0.3
0.2
0.5
0.4
0.6
VF – FORWARD VOLTAGE (V)
Figure 1. Forward Current vs. Forward Voltage at
Temperature for HBAT-5400 and HBAT-5402.
0.01
10
100
1
0.1
300
TA = +75C
TA = +25C
TA = –25C
TA = +75C
TA = +25C
TA = –25C
0
100
300
200
500
400
600
IF – FORWARD CURRENT (mA)
0
140
120
100
80
60
40
20
160
Figure 3. Junction Temperature vs. Current as a
Function of Heat Sink Temperature for HBAT-5400
and HBAT-5402.
Note: Data is calculated from SPICE parameters.
Figure 5. Total Capacitance vs. Reverse Voltage.
0
5
10
20
VR – REVERSE VOLTAGE (V)
15
1.0
2.0
1.5
3.0
2.5
Max. safe junction temp.
TA = +75C
TA = +25C
TA = –25C
0
50
150
100
200
250
IF – FORWARD CURRENT (mA)
0
140
120
100
80
60
40
20
160 Max. safe junction temp.
Figure 4. Junction Temperature vs. Current as a
Function of Heat Sink Temperature for HBAT-540B
and HBAT-540C.
Note: Data is calculated from SPICE parameters.
IF – FORWARD CURRENT (mA)
0
0.2
0.6
0.4
1.0
0.8
1.4
1.2
0.01
10
100
1
0.1
500
TA = +75C
TA = +25C
TA = –25C
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
Device Orientation For Outlines SOT-23/323
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL


Similar Part No. - HBAT-540B-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBAT-540B-TR1 HP-HBAT-540B-TR1 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HBAT-540B-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com