Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB35005 Datasheet(PDF) 1 Page - Surge Components

Part # SB35005
Description  35.0 AMP SILICON BRIDGE???
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SB35005 Datasheet(HTML) 1 Page - Surge Components

  SB35005 Datasheet HTML 1Page - Surge Components SB35005 Datasheet HTML 2Page - Surge Components SB35005 Datasheet HTML 3Page - Surge Components SB35005 Datasheet HTML 4Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - SB35005

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB350 PANJIT-SB350 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Shenzhen Luguang Electr...
SB350 LUGUANG-SB350 Datasheet
183Kb / 2P
   Schottky Barrier Rectifier
logo
Semikron International
SB350 SEMIKRON-SB350 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Microdiode Electronics ...
SB350 CHENDA-SB350 Datasheet
583Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB350 GULFSEMI-SB350 Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
More results

Similar Description - SB35005

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
AR3505 UNIOHM-AR3505 Datasheet
157Kb / 2P
   35.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
AR3505 GWSEMI-AR3505 Datasheet
69Kb / 2P
   35.0 AMP SILICON RECTIFIERS
logo
FCI connector
PLFR3502-3506 FCI-CONNECTOR-PLFR3502-3506 Datasheet
459Kb / 2P
   35.0 Amp LUCAS AUTO PRESSFIT
logo
First Components Intern...
PLFR3501 FCI-PLFR3501 Datasheet
459Kb / 2P
   35.0 Amp LUCAS AUTO PRESSFIT
logo
FCI connector
HPFR3502-3506 FCI-CONNECTOR-HPFR3502-3506 Datasheet
487Kb / 2P
   35.0 Amp HOOK TYPE AUTO PRESSFIT
logo
First Components Intern...
PTFR3501 FCI-PTFR3501 Datasheet
538Kb / 2P
   35.0 Amp TIN CAN AUTO DIODE
HPFR3501 FCI-HPFR3501 Datasheet
487Kb / 2P
   35.0 Amp HOOK TYPE AUTO PRESSFIT
logo
FCI connector
PTFR3502-3506 FCI-CONNECTOR-PTFR3502-3506 Datasheet
538Kb / 2P
   35.0 Amp TIN CAN AUTO DIODE
PHFR3502-3506 FCI-CONNECTOR-PHFR3502-3506 Datasheet
552Kb / 2P
   35.0 Amp HITACHI TYPE AUTO PRESSFIT
logo
First Components Intern...
PMFR3501 FCI-PMFR3501 Datasheet
537Kb / 2P
   35.0 Amp MOTOROLA TYPE AUTO PRESSFIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com