Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTV546AG Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # HTV546AG
Description  5.0V HCMOS VCTCXO 14 Pin DIP CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HTV546AG Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  HTV546AG Datasheet HTML 1Page - Connor-Winfield Corporation HTV546AG Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
HTV546AG is a 14 pin DIP,
5.0V HCMOS, Voltage
Controlled Temperature
Compensated Crystal
Oscillator (VCTCXO). The
HTV546AG is designed for
use as a SONET/SDH
Network Timing Source.
1
2
HTV546AG - 100 MHz
TCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
5.0V OPERATION
LOW JITTER <1ps RMS
OVERALL FREQUENCY TOLERANCE
±4.6ppm
TEMPERATURE RANGE: 0 to 70°C
HERMETICALLY SEALED DIP PACKAGE
RoHS COMPLIANT / LEAD FREE
5.0V HCMOS VCTCXO 14 Pin DIP
CRYSTAL OSCILLATOR
HTV546AG
Tx160
03
09/07/06
CW
0635
HTV546AG
100.00M
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Frequency Range
(Fo)
12.8
-
100
MHz
Frequency Calibration @ 25°C
-1.5
-
1.5
1
Frequency Tolerance
-4.6
-
4.6
ppm
2
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
4.75
5.0
5.25
Vdc
Supply Current
(Icc)
-
15
35
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
Typical Phase Noise Measurements @ 19.44 MHz
SSB Phase Noise at 10Hz offset
-
-80
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-100
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-120
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-130
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-145
-
dBc/Hz
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Control Voltage
(Vc)
0.5
2.5
4.5
Vdc
Frequency Adjust Range (0.5 to 4.5V)
±10
-
±25
ppm
3
Frequency Adjust Linearity
-10
-
10
%
Input Impedance
10k
-
-
Ohm
HCMOS OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
3.75
-
-
Vdc
(Low)
(Vol)
-
-
0.5
Vdc
Current
(High)
(Ioh)
-8
-
-
mA
(Low)
(Ioh)
-
-
8
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
3
5
nS
Note:
1) Frequency calibration at 25°C, Vc=2.5V, nominal Vcc, after a one minute warm up time.
2) Inclusive of calibration, frequenc y vs. temperature stability, suppl y voltage change, load
change, shock and vibration, 10 years aging.
3) Positive Slope.
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed, metal package.


Similar Part No. - HTV546AG

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTV546A CONNOR-WINFIELD-HTV546A Datasheet
219Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTV546A-77.76M CONNOR-WINFIELD-HTV546A-77.76M Datasheet
219Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
More results

Similar Description - HTV546AG

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTV2AG-27.0M CONNOR-WINFIELD-HTV2AG-27.0M Datasheet
139Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTV2A-27.0M CONNOR-WINFIELD-HTV2A-27.0M Datasheet
208Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTV546A CONNOR-WINFIELD-HTV546A Datasheet
219Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTF2A-19.44M CONNOR-WINFIELD-HTF2A-19.44M Datasheet
205Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTF546AG CONNOR-WINFIELD-HTF546AG Datasheet
158Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTF546A CONNOR-WINFIELD-HTF546A Datasheet
163Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HC54R8RG CONNOR-WINFIELD-HC54R8RG Datasheet
168Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
ATV2G CONNOR-WINFIELD-ATV2G Datasheet
99Kb / 2P
   5.0V 14 Pin DIP HCMOS TCXO
OVB5AC3AB CONNOR-WINFIELD-OVB5AC3AB Datasheet
190Kb / 2P
   14 PIN DIP 5.0V HCMOS OCVCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com