Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC13005 Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # STC13005
Description  NPN POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC13005 Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  STC13005 Datasheet HTML 1Page - Suntac Electronic Corp. STC13005 Datasheet HTML 2Page - Suntac Electronic Corp. STC13005 Datasheet HTML 3Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FEATURES
HIGH VOLTAGE CAPABILITY
HIGH SPEED SWITCHING
WIDE SOA
APPLICATION
FLUORESCENT LAMP
ELECTRONIC BALLAST
ELECTRONIC TRANSFORMER
Absolute Maximum Ratings Tc=25 C
TO-220
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
400
V
Emitter- Base Voltage
VEBO
9
V
Collector Current
IC
5.0
A
Total Power Dissipation
PC
75
W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
-65-150
C
STC13005
NPN POWER TRANSISTORS
TO-220
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
1
2
3
4
SWITCH MODE POWER SUPPLY
Electronic Characteristics Tc=25 C
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector-Base Cutoff Current
ICBO
VCB=700V
100
A
Collector-Emitter Cutoff Current
ICEO
VCE=400V,IB=0
250
A
Collector-Emitter Voltage
VCEO
IC=10mA,IB=0
400
V
Emitter -Base Voltage
VEBO
IE=1mA,IC=0
9
V
IC=1.0A,IB=0.2A
0.5
IC=2.0A,IB=0.4A
0.7
Collector-Emitter Saturation Voltage
Vces
IC=4.0A,IB=1.0A
1.5
V
Base-Emitter Saturation Voltage
Vbes
IC=2.0A,IB=0.4A
1.5
V
VCE=5V,IC=10mA
8
VCE=5V,IC=1.0A
10
40
DC Current Gain
hFE
VCE=5V,IC=2.5A
8
Storage Time
tS
3
Falling Time
tf
VCC=250V,
IC=5IB;
IB1= -IB2=0.5A
0.8
S


Similar Part No. - STC13005

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
STC13001 SUNTAC-STC13001 Datasheet
91Kb / 3P
   NPN POWER TRANSISTORS
STC13002 SUNTAC-STC13002 Datasheet
91Kb / 3P
   NPN POWER TRANSISTORS
STC13003 SUNTAC-STC13003 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
STC13003 SUNTAC-STC13003 Datasheet
96Kb / 3P
   NPN POWER TRANSISTORS
STC13003-TO126 SUNTAC-STC13003-TO126 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
More results

Similar Description - STC13005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
   NPN power transistors
logo
New Jersey Semi-Conduct...
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP33F TEL-TIP33F Datasheet
126Kb / 3P
   NPN POWER TRANSISTORS
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
logo
Suntac Electronic Corp.
STC13003-TO126 SUNTAC-STC13003-TO126 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com