Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-5023 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5023
Description  23 GHz Low Noise Amplifier (21.2-26.5 GHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5023 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5023 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5023 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5023 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5023 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5023 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5023 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5023 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5023 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5023 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
AMMC-5023 Typical Scattering Parameters[1] (T
c = 25°C, VD1 = VD2 = 5 V, Idd = 28 mA, VG1 = VG2 = Open)
Freq.
S
11
S
12
S
21
S
22
GHz
dB
Mag
Phase
dB
Mag
Phase
dB
Mag
Phase
dB
Mag
Phase
18
-6.813 0.4564 74.519
-57.94 0.0013
1.7405
23.206 14.464 122.15
-13.57 0.2096 51.531
18.2
-7.202 0.4364 74.66
-59.98 0.001
-26.99
23.203 14.459 111.97
-13.66 0.2076 -73.76
18.4
-7.266 0.4332 72.588
-60.22 0.001
124.05
23.114 14.312 101.1
-12.57 0.2354 165.76
18.6
-7.644 0.4148 70.858
-62.22 0.0008
17.763
23.114 14.313 91.174
-11.74 0.2588 163.66
18.8
-7.815 0.4067 67.349
-58.93 0.0011
100.07
23.202 14.457 81.167
-11.64 0.2618 157.71
19
-8.46
0.3776 65.232
-61.93 0.0008
76.42
23.282 14.592 71.291
-10.45 0.3002 152.53
19.2
-8.502 0.3758 62.276
-63.28 0.0007
40.997
23.382 14.76
61.218
-10.44 0.3006 150.28
19.4
-9.293 0.343
56.815
-57.84 0.0013
100.86
23.582 15.104 50.894
-9.703 0.3272 141.82
19.6
-10.62 0.2943 51.64
-53.14 0.0022
60.218
23.787 15.464 39.572
-8.943 0.3572 139.34
19.8
-11.39 0.2694 54.737
-55.77 0.0016
22.448
23.659 15.239 29.26
-9.414 0.3383 129.99
20
-12.13 0.2474 53.651
-57.89 0.0013
1.7795
23.735 15.372 20.239
-8.923 0.358
126.19
20.2
-12.77 0.23
52.385
-60.66 0.0009
-42.99
23.882 15.635 10.031
-9.317 0.3421 123.37
20.4
-13.69 0.2067 49.224
-57.48 0.0013
-58.99
23.975 15.803 0.2045
-8.817 0.3624 114.62
20.6
-14.92 0.1795 46.249
-54.44 0.0019
-57.86
24.1
16.033 -9.704
-8.971 0.356
111.84
20.8
-16.83 0.1441 42.376
-56.15 0.0016
-40.83
24.412 16.618 -18.13
-9.29
0.3432 103.37
21
-19.11 0.1108 43.556
-53.47 0.0021
-53.53
24.479 16.748 -28.97
-9.167 0.3481 98.097
21.2
-23.18 0.0693 33.667
-57.14 0.0014
-51.56
24.705 17.19
-39.82
-10.07 0.3138 94.38
21.4
-30.15 0.0311 43.731
-55.04 0.0018
-53.75
24.755 17.288 -52.67
-10.209 0.3087 86.525
21.6
-20.59 0.0934 155.16
-52.25 0.0024
-67.58
24.427 16.648 -64.69
-10.54 0.2971 83.119
21.8
-17.93 0.1269 156.15
-51.09 0.0028
-88.01
24.235 16.284 -75.32
-11.06 0.2798 74.893
22
-15.74 0.1634 148.96
-54.03 0.002
-110.5
23.892 15.654 -84.97
-11
0.2818 75.567
22.2
-14.66 0.185
147.58
-48.57 0.0037
-108.8
23.656 15.233 -95.11
-11.99 0.2513 68.795
22.4
-13.94 0.201
142.03
-48.93 0.0036
-108.6
23.362 14.727 -104.6
-11.98 0.2518 61.88
22.6
-13.22 0.2184 142.09
-48.25 0.0039
-110
23.209 14.469 -113.7
-12.98 0.2243 62.905
22.8
-12.04 0.2499 138.22
-47.36 0.0043
-124.1
22.914 13.986 -124.1
-13.6
0.2089 55.353
23
-11.82 0.2565 133.62
-47.42 0.0043
-127.7
22.593 13.478 -132.6
-13.61 0.2086 59.509
23.2
-11.7
0.2601 130.32
-46.06 0.005
-134.4
22.312 13.05
-141.2
-14.94 0.179
53.623
23.4
-11.46 0.2672 129.24
-46.7
0.0046
-140.5
22.015 12.611 -146
-14.13 0.1965 50.5
23.6
-11.18 0.276
125.92
-46
0.005
-148.6
21.767 12.256 -154.2
-15.3
0.1718 54.919
23.8
-11.22 0.2749 124.18
-45.25 0.0055
-145.8
21.399 11.747 -161.7
-15.67 0.1646 41.768
24
-11.3
0.2724 122.88
-45.1
0.0056
-153.6
21.206 11.49
-169
-15.63 0.1654 49.105
24.2
-11.09 0.2789 122.15
-44.25 0.0061
-155.4
20.921 11.119 94.004
-16.94 0.1423 38.655
24.4
-11.32 0.2717 119.68
-44.3
0.0061
-167.3
20.626 10.748 170.24
-15.98 0.1589 37.913
24.6
-11.38 0.2698 118.72
-43.4
0.0068
-171.1
20.347 10.407 163.06
-16.8
0.1445 40.066
24.8
-11.41 0.269
118.3
-43.43 0.0067
-71.2
20.102 10.118 156.05
-16.7
0.1463 22.655
25
-11.62 0.2625 117.04
-43.54 0.0067
137.17
19.854 9.8331 149.07
-16.85 0.1436 28.818
25.2
-11.89 0.2544 116.86
-42.29 0.0077
133.77
19.696 9.6559 142.65
-17.96 0.1265 12.448
25.4
-11.81 0.2569 117.41
-41.51 0.0084
162.99
19.475 9.4138 135.76
-16.74 0.1456 11.766
25.6
-12.06 0.2495 114.9
-41.05 0.0089
157.69
19.17
9.0888 129.79
-17.66 0.1309 22.237
25.8
-12.55 0.2357 117.83
-41.34 0.0086
150.4
19.077 8.9921 124.04
-16.87 0.1433 0.7878
26
-12.48 0.2378 120.31
-41.95 0.008
145.28
18.968 8.8795 116.86
-17.58 0.1322 8.5083
26.2
-12.51 0.2367 121.69
-40.55 0.0094
143.86
18.767 8.6771 110.73
-17.75 0.1295 -6.375
26.4
-12.29 0.2429 123.23
-39.89 0.0101
139.48
18.629 8.5402 103.45
-16.9
0.1429 -7.881
26.6
-12.4
0.2398 123.93
-39.92 0.0101
132.24
18.45
8.3655 97.292
-17.16 0.1387 -20.1
26.8
-12.15 0.2468 125.41
-40.2
0.0098
126.75
18.298 8.2203 90.776
-16.55 0.1487 -31.85
27
-11.85 0.2556 125.81
-39.47 0.0106
126.31
18.124 8.0576 83.96
-17.36 0.1354 -34.26
27.2
-11.84 0.2558 124.87
-39.17 0.011
123.8
17.881 7.8349 78.019
-16.66 0.1468 -49.17
27.4
-11.86 0.2554 126.85
-39.01 0.0112
119.72
17.756 7.7234 71.862
-16.11 0.1564 -51.07
27.6
-11.53 0.2653 128.29
-38.6
0.0118
114.03
17.589 7.5765 65.475
-16.31 0.1529 -64.97
27.8
-11.31 0.2719 127.51
-38.23 0.0123
110.58
17.389 7.4038 59.28
-14.98 0.1782 -68.69
28
-11.04 0.2804 128.43
-38.11 0.0124
103.56
17.23
7.2697 53.236
-15.44 0.1691 -76.56
Note:
1. Data obtained from on-wafer measurements.


Similar Part No. - AMMC-5023

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
   23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Broadcom Corporation.
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
   23 GHz Low Noise Amplifier (21.2??6.5 GHz)
More results

Similar Description - AMMC-5023

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
   23 GHz Low Noise Amplifier (21.2-26.5 GHz)
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
   23 GHz LNA (21.2-26.5 GHz)
logo
Broadcom Corporation.
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
   23 GHz Low Noise Amplifier (21.2??6.5 GHz)
logo
Renesas Technology Corp
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
   Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
logo
Qorvo, Inc
CMD275 QORVO-CMD275 Datasheet
302Kb / 11P
   DC-26.5 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD275P4 MMIC-CMD275P4 Datasheet
275Kb / 10P
   DC-26.5 GHz Low Phase Noise Amplifier
CMD275 MMIC-CMD275 Datasheet
253Kb / 10P
   DC-26.5 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD275P4 QORVO-CMD275P4 Datasheet
275Kb / 10P
   DC-26.5 GHz Low Phase Noise Amplifier
logo
Alpha Industries
AA028N1-99 ALPHA-AA028N1-99 Datasheet
317Kb / 4P
   23-30 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com