Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6225A42AGR-G Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6225A42AGR-G
Description  30mA High Speed LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6225A42AGR-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6225A42AGR-G Datasheet HTML 4Page - Torex Semiconductor XC6225A42AGR-G Datasheet HTML 5Page - Torex Semiconductor XC6225A42AGR-G Datasheet HTML 6Page - Torex Semiconductor XC6225A42AGR-G Datasheet HTML 7Page - Torex Semiconductor XC6225A42AGR-G Datasheet HTML 8Page - Torex Semiconductor XC6225A42AGR-G Datasheet HTML 9Page - Torex Semiconductor XC6225A42AGR-G Datasheet HTML 10Page - Torex Semiconductor XC6225A42AGR-G Datasheet HTML 11Page - Torex Semiconductor XC6225A42AGR-G Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8/15
XC6225 Series
Voltage Table2
OUTPUT VOLTAGE
±2% (V)
DROPOUT VOLTAGE
Vdif
(mV)
NOMINAL
OUTPUT
VOLTAGE
(V)
VOUT(E)
Vdif
VOUT(T)
MIN.
MAX.
TYP.
MAX.
3.00
2.9400
3.0600
3.05
2.9890
3.1110
3.10
3.0380
3.1620
3.15
3.0870
3.2130
3.20
3.1360
3.2640
70
120
3.25
3.1850
3.3150
3.30
3.2340
3.3660
3.35
3.2830
3.4170
3.40
3.3320
3.4680
3.45
3.3810
3.5190
3.50
3.4300
3.5700
3.55
3.4790
3.6210
3.60
3.5280
3.6720
3.65
3.5770
3.7230
3.70
3.6260
3.7740
3.75
3.6750
3.8250
3.80
3.7240
3.8760
3.85
3.7730
3.9270
3.90
3.8220
3.9780
3.95
3.8710
4.0290
4.00
3.9200
4.0800
4.05
3.9690
4.1310
4.10
4.0180
4.1820
4.15
4.0670
4.2330
4.20
4.1160
4.2840
4.25
4.1650
4.3350
4.30
4.2140
4.3860
4.35
4.2630
4.4370
4.40
4.3120
4.4880
4.45
4.3610
4.5390
4.50
4.4100
4.5900
4.55
4.4590
4.6410
4.60
4.5080
4.6920
4.65
4.5570
4.7430
4.70
4.6060
4.7940
4.75
4.6550
4.8450
4.80
4.7040
4.8960
4.85
4.7530
4.9470
4.90
4.8020
4.9980
4.95
4.8510
5.0490
5.00
4.9000
5.1000
95
170
■OUTPUT VOLTAGE CHART (Continued)


Similar Part No. - XC6225A42AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results

Similar Description - XC6225A42AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
logo
Torex Semiconductor
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com