Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA-9970 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MSA-9970
Description  Cascadable Silicon Bipolar MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MSA-9970 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MSA-9970 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MSA-9970 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MSA-9970 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MSA-9970 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

MSA-9970 Absolute Maximum Ratings
Parameter
AbsoluteMaximum[1]
Device Current
80 mA
Power Dissipation[,3]
750 mW
RF Input Power
+13 dBm
Junction Temperature
00°C
Storage Temperature
–65°C to 00°C
ThermalResistance[2,4]:
θjc = 150°C/W
Notes:
1. Permanentdamagemayoccurifanyoftheselimitsareexceeded.
2. TCASE=25°C.
3. Derateat6.7mW/°CforTC>88°C.
4. Thesmallspotsizeofthistechniqueresultsinahigher,thoughmoreaccuratedetermination
ofθjcthandoalternatemethods.
GP
Power Gain[] (|S1|)
f = 0.1 GHz
dB
17.5
f = 1.0 GHz
14.5
16.0
17.5
f = 4.0 GHz
8.0
9.0
10.0
P1dB
Output Power at 1 dB Gain Compression[]
f = 1.0 GHz
dBm
14.5
IP3
Third Order Intercept Point[]
f = 1.0 GHz
dBm
5.0
Vd
Device Voltage
V
7.0
7.8
8.6
dV/dT
Device Voltage Temperature Coefficient
mV/°C
–16.0
Notes:
1. Therecommendedoperatingcurrentrangeforthisdeviceis25to45mA.
Typicalperformanceasafunctionofcurrentisonthefollowingpage.
2. Openloopvalue.Addingexternalfeedbackwillalterdeviceperformance.
Electrical Specifications[1], TA = 25°C
Symbol
ParametersandTestConditions:Id=35mA,ZO=50Ω
Units
Min.
Typ.
Max.


Similar Part No. - MSA-9970

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-9970 HP-MSA-9970 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results

Similar Description - MSA-9970

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1120 HP-MSA-1120 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com