Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDM-5505 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDM-5505
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDM-5505 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDM-5505 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDM-5505 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDM-5505 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDM-5505 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDM-5505 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDM-5505 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDM-5505 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDM-5505 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDM-5505 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical Interface
To insure reliable encodingperformance, the HEDS-
5540/5640 and HEDM-5540 three channel encoders
require 2.7 kΩ (± 10%) pull-up resistors on output pins 2, ,
and 5 (Channels I, A, and B) as shown in Figure 1.These pull-
up resistors should be located as close to the encoder as
possible (within 4 feet). Each of the three encoder outputs
Figure 1. Pull-up Resistors on HEDS-5X40 and HEDM-5540 Encoder Outputs.
can drive a single TTL load in this configuration. The HEDS-
5500, 5600, and HEDM-5500, 5600 two channel encoders
do not normally require pull-up resistors. However, .2
kΩ pull-up resistors on output pins  and 5 (Channels A
and B) are recommended to improve rise times, especially
when operating above 100 kHz frequencies.
Mechanical Characteristics
Parameter
Symbol
Dimension
Tolerance[1]
Units
Codewheel Fits These Standard
Shaft Diameters
2  4
5 6 8
+0.000
-0.015
mm
5/2 1/8
/16 1/4
+0.0000
-0.0007
in
Moment of Inertia
J
0.6 (8.0 x 10-6)
g-cm2 (oz-in-s2)
Required Shaft Length[2]
14.0 (0.55)
± 0.5
(± 0.02)
mm (in.)
Bolt Circle[]
2 screw mounting
19.05
(0.750)
± 0.1
(± 0.005)
mm (in.)
 screw mounting
20.90
(0.82)
± 0.1
(± 0.005)
mm (in.)
external mounting ears
46.0
(1.811)
± 0.1
(± 0.005)
mm (in.)
Mounting Screw Size[4]
2 screw mounting
M 2.5 or (2-56)
mm (in.)
 screw mounting
M 1.6 or (0-80)
mm (in.)
external mounting ears
M 2.5 or (2-56)
mm (in.)
Encoder Base Plate Thickness
0. (0.10)
mm (in.)
Hub Set Screw
(2-56)
(in.)
Notes:
1. These are tolerances required of the user.
2. The HEDS-55X5 and 56X5, HEDM-5505, 5605 provide an 8.9 mm (0.5 inch) diameter hole through the housing for longer motor shafts. See
Ordering Information.
. The HEDS-5540 and 5640 must be aligned using the aligning pins as specified in Figure , or using the alignment tool as shown in “Encoder
Mounting and Assembly”. See also “Mounting Considerations.”
4. The recommended mounting screw torque for 2 screw and external ear mounting is 1.0 kg-cm (0.88 in-lbs). The recommended mounting screw
torque for  screw mounting is 0.50 kg-cm (0.4 in-lbs).


Similar Part No. - HEDM-5505

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-5505 AVAGO-HEDM-5505 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5505 AVAGO-HEDM-5505 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDM-5505-B01 HP-HEDM-5505-B01 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5505-B02 HP-HEDM-5505-B02 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5505-B03 HP-HEDM-5505-B03 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDM-5505

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com