Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6225B36AGR-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6225B36AGR-G
Description  30mA High Speed LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6225B36AGR-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6225B36AGR-G Datasheet HTML 2Page - Torex Semiconductor XC6225B36AGR-G Datasheet HTML 3Page - Torex Semiconductor XC6225B36AGR-G Datasheet HTML 4Page - Torex Semiconductor XC6225B36AGR-G Datasheet HTML 5Page - Torex Semiconductor XC6225B36AGR-G Datasheet HTML 6Page - Torex Semiconductor XC6225B36AGR-G Datasheet HTML 7Page - Torex Semiconductor XC6225B36AGR-G Datasheet HTML 8Page - Torex Semiconductor XC6225B36AGR-G Datasheet HTML 9Page - Torex Semiconductor XC6225B36AGR-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
XC6225 Series
■ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VIN=5.75VDC+0.5Vp-pAC
5.0V≧VOUT(T)≧4.8V
VCE=VIN, IOUT=30mA, f=1kHz
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
4.75V≧VOUT(T)≧4.05V
VCE=VIN, IOUT=30mA, f=1kHz
-
60
-
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
4.0V≧VOUT(T)≧1.75V
VCE=VIN, IOUT=30mA, f=1kHz
Ripple Rejection
Rate
PSRR
VIN=2.75VDC+0.5Vp-pAC
1.7V≧VOUT(T)≧0.8V
VCE=VIN, IOUT=30mA, f=1kHz
-
70
-
dB
Limit Current1
(*9)
ILIM1
VIN=6.0V, VCE=VIN
5.0V≧VOUT(T)≧0.8V
30
50
70
VIN=VOUT(T)+1.0V, VCE=VIN
5.0V≧VOUT(T)≧1.5V
Limit Current2
(*9, *10)
ILIM 2
VIN=2.5V
1.45V≧VOUT(T)≧0.8V
30
50
70
VIN=VOUT(T)+0.1V
5.0V≧VOUT(T)≧2.4V
Limit Current3
(*9, *10)
ILIM 3
VIN=2.5V
2.35V≧VOUT(T)≧1.55V
-
50
70
mA
Short Current
ISHORT
VCE=VIN
VOUT is short-circuited at the VSS level
-
15
-
mA
CE High Level
Voltage
VCEH
1.2
-
6.0
V
CE Low Level Voltage
VCEL
-
-
0.3
V
CE High Level
Current
ICEH
VCE=VIN
-0.1
-
0.1
μ
A
CE Low Level Current
ICEL
VCE=VSS
-0.1
-
0.1
μ
A
CL Auto-Discharge
Resistance
(*8)
RDCHG
VIN=6.0V, VOUT=4.0V, VCE= VSS
-
780
-
NOTE:
* 1: Unless otherwise stated regarding input voltage conditions, 1.5V≦VOUT(T)≦5.0V is VIN=VOUT(T)+1.0V, and 0.8V≦VOUT(T)≦1.45V is VIN=2.5V.
* 2: VOUT (E) = Effective output voltage (Refer to the voltage chart)
(I.e. the output voltage when stabilized "VOUT (T) +1.0V" is provided at the VIN pin while maintaining a certain IOUT value.)
* 3: The output voltage VOUT (E) is shown in the voltage chart.
* 4: VOUT (T) = Nominal output voltage
* 5: Vdif ={VIN1
(*7)-VOUT1(*6)}
* 6: VOUT1=A voltage equal to 98% of the output voltage when an amply stabilized {VOUT (T) +1.0V} is input.
* 7: VIN1= The input voltage when VOUT1 appears at the VOUT pin while input voltage is gradually decreased.
* 8: For the XC6225B series only. The XC6225A series discharges by using the two resistors R1 and R2 shown in the block diagram.
*9: Limit current is defined as the output current when VOUT(E) x 0.95 is impressed at the VOUT pin.
*10: The device may not satisfy the specification values when it is used with the input voltages lower than the conditions of ILIM2(1.45V≧VOUT(T)≧0.8V) and ILIM3.
XC6225A/B Series (Continued)
Ta=25℃


Similar Part No. - XC6225B36AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results

Similar Description - XC6225B36AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
logo
Torex Semiconductor
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com