Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9515BD06ZL Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9515BD06ZL
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515BD06ZL Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9515BD06ZL Datasheet HTML 4Page - Torex Semiconductor XC9515BD06ZL Datasheet HTML 5Page - Torex Semiconductor XC9515BD06ZL Datasheet HTML 6Page - Torex Semiconductor XC9515BD06ZL Datasheet HTML 7Page - Torex Semiconductor XC9515BD06ZL Datasheet HTML 8Page - Torex Semiconductor XC9515BD06ZL Datasheet HTML 9Page - Torex Semiconductor XC9515BD06ZL Datasheet HTML 10Page - Torex Semiconductor XC9515BD06ZL Datasheet HTML 11Page - Torex Semiconductor XC9515BD06ZL Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/21
XC9515 Series
Test Conditions:
* P_VDD1
・2 stands for P_VDD1=P_VDD2
**Unless otherwise stated, P_VDD1
・2=5V, VEN1=VEN2= P_VDD1・2
*** A_VSS=P_VSS1=P_VSS2=0V
NOTE :
*1VDF(E)=Detect Voltage
*2VDR(E)=Release Voltage
*3”H” is judged as “H”>VIN-0.1V, ”L” is judged as “L”<0.1V
Test Conditions:
* P_VDD1
・2 stands for P_VDD1=P_VDD2
**Unless otherwise stated, P_VDD1
・2=5V, VEN1=VEN2= P_VDD1・2
*** A_VSS=P_VSS1=P_VSS2=0V
NOTE :
*1:”H” is judged “H”>VIN-0.1V, ”L” is judged “L”<0.1V
Ta=25
oC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Detect Voltage
V
DF
(E)
(*1)
2.94
3.00
3.06
V
Hysteresis Width
VHYS
VHYS={VDR(E)
(*2)-VDF(E) }/ VDF(E)×100
5.0
%
-
VD Output Current
IDOUT
P_VDD1・2=VDF-0.01V, Apply 0.5V to VDOUT
5.0
6.6
8.0
mA
Delay Resistance
RDLY
2.5
-
MR "H" Level Voltage
VMR
VDOUT=”H” Level Voltage
(*3)
1.2
5.5
V
MR "L" Level Voltage
VMR
VDOUT=”L” Level Voltage
(*3)
AVSS
0.4
V
MR "H" Level Current
IMR
PVDD1・2=MR=5.5V
0.1
μ
A
MR "L" Level Current
IMR
PVDD1・2=5.5V,MR=0V
-0.1
(*8)
μ
A
Ta=25
oC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Supply Current 1
IDD1
VOUT1=VOUT2= Setting Voltage×0.9
950
1500
μ
A
Supply Current 2
IDD2
VOUT1=VOUT2= Setting Voltage×1.1 (Oscillation stops)
75
145
μ
A
Stand-by Current
ISTB
EN1=EN2=0V
5.5
11
μ
A
UVLO Detect Voltage
VUVLOF
VIN voltage which VOUT1=0V and LX pin becomes ”L”
(*1)
1.5
1.8
2.1
V
UVLO Release Voltage
VUVLOR
VIN voltage which VOUT1=0V and LX pin becomes ”H”
(*1)
2.3
V
Thermal Shutdown
Temperature
TTSD
150
oC
-
Thermal Shutdown
Hysteresis Width
THYS
20
oC
-
XC9515BA01xx
●Whole Circuit (VOUT1=1.5V, VOUT2=3.3V, fOSC=1MHz, EN1 and EN2 pins are internally floating)
XC9515BA06xx
●VD (MR pin is internally floating)
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC9515BD06ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515BD01ZR-G TOREX-XC9515BD01ZR-G Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
More results

Similar Description - XC9515BD06ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515 TOREX-XC9515_1 Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com