Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-QTC0-0XXXX Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QTC0-0XXXX
Description  PLCC-4 Black Body Surface Mount Tricolor LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QTC0-0XXXX Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QTC0-0XXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTC0-0XXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTC0-0XXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTC0-0XXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTC0-0XXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTC0-0XXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTC0-0XXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTC0-0XXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTC0-0XXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Circuit Diagram
Package Dimensions
2.90
3.40 ± 0.20
Package
Marking
2.50 ± 0.20
0.80 ± 0.10
0.15 ± 0.20
2.00 ± 0.20
2.50 ± 0.20
0.70 ± 0.20
Table 1. Device Selection Guide
Part Number
Color 1
Color 2
Color 3
ASMT-QTC0-0xxxx
AlInGaP Red
InGaN Green
InGaN Blue
Part Number
Color 1 - Red
Color 2 - Green
Color 3 - Blue
Min. Iv @20mA
Typ. Iv @20mA
Min. Iv @ 20mA
Typ. Iv @ 20mA
Min. Iv @ 20mA
Typ. Iv @ 20mA
Bin ID
(mcd)
(mcd)
Bin ID
(mcd)
(mcd)
Bin ID
(mcd)
(mcd)
ASMT-QTC0-0AA02
S1
180
315
T1
285
470
R1
112.50
140
Notes:
1. The luminous intensity IV, is measured at the mechanical axis of the LED package. The actual peak of the spatial radiation pattern may not be
aligned with this axis.
2. Tolerance = ± 12 %
Notes:
1. All Dimensions are in millimeters
2. Tolerance = ±0.2 mm unless otherwise specified
3. Terminal Finish: Ag plating
Lead Configuration
1
Cathode
Red
2
Common Anode
3
Cathode
Blue
4
Cathode
Green
Figure 1. Package drawing


Similar Part No. - ASMT-QTC0-0XXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0AA02 AVAGO-ASMT-QTB0-0AA02 Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
More results

Similar Description - ASMT-QTC0-0XXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMB-MTB0-0A3A2 AVAGO-ASMB-MTB0-0A3A2 Datasheet
425Kb / 13P
   PLCC-4 Tricolor Black Surface LED
ASMB-MTB1-0A3A2 AVAGO-ASMB-MTB1-0A3A2 Datasheet
470Kb / 13P
   PLCC-4 Tricolor Black Surface LED
ASMT-YTB0-0AA02 AVAGO-ASMT-YTB0-0AA02 Datasheet
296Kb / 11P
   PLCC-6 Surface Mount Tricolor LED
logo
Broadcom Corporation.
ASMB-LTC2-0A335 BOARDCOM-ASMB-LTC2-0A335 Datasheet
1Mb / 13P
   2121 Tricolor PLCC-4 LED
ASMB-LTB2-0A333 BOARDCOM-ASMB-LTB2-0A333 Datasheet
1Mb / 13P
   2121 Tricolor PLCC-4 LED
ASMB-KTF0-0A306 BOARDCOM-ASMB-KTF0-0A306 Datasheet
781Kb / 13P
   2220 Tricolor PLCC-4 LED
ASMB-LTD2-0A333 BOARDCOM-ASMB-LTD2-0A333 Datasheet
1Mb / 13P
   2121 Tricolor PLCC-4 LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMB-BTE1-0B332 AVAGO-ASMB-BTE1-0B332 Datasheet
423Kb / 13P
   High Brightness PLCC-4 Tricolor LED
ASMT-YTB7-0AA02 AVAGO-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com