Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-QTB0-0AA02 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QTB0-0AA02
Description  PLCC-4 Surface Mount Tricolor LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QTB0-0AA02 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QTB0-0AA02 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB0-0AA02 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB0-0AA02 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB0-0AA02 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB0-0AA02 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB0-0AA02 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB0-0AA02 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB0-0AA02 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB0-0AA02 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Figure 3. Forward current vs. forward voltage
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
10
20
30
40
50
60
DC FORWARD CURRENT - mA
InGaN
AlInGaP
Figure 2. Relative intensity vs. wavelength
Figure 4. Relative Intensity vs. forward current
Table 4. Electrical Characteristics (TA = 25°C)
Color
Forward Voltage,
VF (V) [1]
Reverse Voltage
VR @ 100µA
Reverse Voltage
VR @ 10µA
Thermal Resistance
J-P (°C/W)
Min
Typ.
Max.
Min.
Min.
Typ.
Red
1.80
2.10
2.40
4
-
95
Green
2.80
3.20
3.90
-
4
70
Blue
2.80
3.20
3.90
-
4
60
Note:
1. Tolerance ± 0.1V
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
FORWARD VOLTAGE - V
0.0
0.2
0.4
0.6
0.8
1.0
380
430
480
530
580
630
680
730
780
InGaN Blue
InGaN Gree
WAVELENGTH - nm
AlInGaP Red
InGaN
AlInGaP
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
FORWARD VOLTAGE - V
0.0
0.2
0.4
0.6
0.8
1.0
380
430
480
530
580
630
680
730
780
InGaN Blue
InGaN Gree
WAVELENGTH - nm
AlInGaP Red
InGaN
AlInGaP


Similar Part No. - ASMT-QTB0-0AA02

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
More results

Similar Description - ASMT-QTB0-0AA02

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTB0-0AA02 AVAGO-ASMT-YTB0-0AA02 Datasheet
296Kb / 11P
   PLCC-6 Surface Mount Tricolor LED
ASMT-QTC0-0XXXX AVAGO-ASMT-QTC0-0XXXX Datasheet
527Kb / 10P
   PLCC-4 Black Body Surface Mount Tricolor LED
ASMB-MTB0-0A3A2 AVAGO-ASMB-MTB0-0A3A2 Datasheet
425Kb / 13P
   PLCC-4 Tricolor Black Surface LED
ASMB-MTB1-0A3A2 AVAGO-ASMB-MTB1-0A3A2 Datasheet
470Kb / 13P
   PLCC-4 Tricolor Black Surface LED
logo
Broadcom Corporation.
ASMB-LTC2-0A335 BOARDCOM-ASMB-LTC2-0A335 Datasheet
1Mb / 13P
   2121 Tricolor PLCC-4 LED
ASMB-LTB2-0A333 BOARDCOM-ASMB-LTB2-0A333 Datasheet
1Mb / 13P
   2121 Tricolor PLCC-4 LED
ASMB-KTF0-0A306 BOARDCOM-ASMB-KTF0-0A306 Datasheet
781Kb / 13P
   2220 Tricolor PLCC-4 LED
ASMB-LTD2-0A333 BOARDCOM-ASMB-LTD2-0A333 Datasheet
1Mb / 13P
   2121 Tricolor PLCC-4 LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMB-BTE1-0B332 AVAGO-ASMB-BTE1-0B332 Datasheet
423Kb / 13P
   High Brightness PLCC-4 Tricolor LED
logo
Broadcom Corporation.
ASMB-UTF0-0D20B BOARDCOM-ASMB-UTF0-0D20B Datasheet
787Kb / 12P
   2828 Tricolor PLCC-6 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com