Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9515AA05ZL Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9515AA05ZL
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515AA05ZL Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9515AA05ZL Datasheet HTML 3Page - Torex Semiconductor XC9515AA05ZL Datasheet HTML 4Page - Torex Semiconductor XC9515AA05ZL Datasheet HTML 5Page - Torex Semiconductor XC9515AA05ZL Datasheet HTML 6Page - Torex Semiconductor XC9515AA05ZL Datasheet HTML 7Page - Torex Semiconductor XC9515AA05ZL Datasheet HTML 8Page - Torex Semiconductor XC9515AA05ZL Datasheet HTML 9Page - Torex Semiconductor XC9515AA05ZL Datasheet HTML 10Page - Torex Semiconductor XC9515AA05ZL Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
XC9515
Series
Test Conditions:
* P_VDD1
・2 stands for P_VDD1=P_VDD2
**Unless otherwise stated, P_VDD1
・2=5V, VEN1=VEN2= P_VDD1・2
*** A_VSS=P_VSS1=P_VSS2=0V
NOTE :
*1When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*2EFFI = { ( output voltage x output current ) / ( input voltage x input current) } x 100
*3On resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
*4Designed value.
*5Time until it short-circuits LX1 (LX2 in the side of 2CH) with GND via 1Ωof resistor from an operational state and is set to Lx=0V
from current limit pulse generating.
*6”H” is judged as “H”>VIN-0.1V, ”L” is judged as ”L”<0.1V.
*7When temperature is high, a current of approximately 20μA (maximum) may leak.
*8Current which EN1 and EN2 are measured separately.
*9Lead current which LX1 and LX2 are measured separately.
Ta=25
oC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP. MAX. UNITS CIRCUIT
Input Voltage
VIN
2.5
5.5
V
Output Voltage1
VOUT1
Connected to the external components,
PVDD1・2=EN1, EN2=0V
IOUT1=30mA
1.470 1.500 1.530
V
Output Voltage2
VOUT2
Connected to the external components,
PVDD1・2=EN2, EN1=0V
IOUT2=30mA
3.234 3.300 3.366
V
Maximum Output Current 1・2
(*1)
IOUTMAX1
IOUTMAX2
800
mA
Current Limit 1・2
ILIM1 ・ILIM 2
1000
mA
Oscillation Frequency
fOSC
Connected to the external components, IOUT=10mA
0.85
1.00
1.15
MHz
Maximum Duty Cycle
MAXDTY
VOUT1=VOUT2=0V
100
%
Minimum Duty Cycle
MINDTY
VOUT1=VOUT2=VIN
0
%
Efficiency 1
(*2)
EFFI1
Connected to the external components,
PVDD1・2=EN1=5.0V, EN2=0V
VOUT1=1.5V, IOUT1=200mA
89
%
Efficiency 2
(*2)
EFFI2
Connected to the external components,
PVDD1・2=EN2=5.0V, EN1=0V
VOUT2=3.3V, IOUT2=200mA
94
%
LX1・2 "H" ON Resistance
RLX1H・RLX2H VOUT1=VOUT2=0V, ILx1=ILx2=100mA
(*3)
0.35
(*4)
Ω
LX1・2 "L" ON Resistance
RLX1L・RLX2L
0.35
(*4)
Ω
-
Integral Latch Time 1・2
tLAT1・tLAT2
LX1 and LX2 are pulled down by a resistor of 200Ω
VOUT1= Setting Voltage×0.9, VOUT2= Setting Voltage×0.9
(*5)
6
ms
Soft-Start Time 1・2
tSS1・tSS2
Time until EN1, EN2 or both pins changes from 0V to VIN
and voltage becomes VOUT1・2×0.95, IOUT1・2=10mA
1.3
ms
EN1・2 "H" Voltage
VEN1H・VEN2H
VOUT1=VOUT2=0V
Voltage which LX1 or LX2 becomes ”H”
(*6)
1.2
5
V
EN1・2 "L" Voltage
VEN1L・VEN2L
VOUT1=VOUT2=0V
Voltage which LX1 or LX2 becomes ”L”
(*6)
AVSS
0.4
V
EN1・2 "H" Current
IEN1H・IEN2H
PVDD1・2=EN1=EN2=5.5V
0.1
(*8)
μ
A
EN1・2 "L" Current
IEN1L・IEN2L
PVDD1・2=5.5V, EN1=EN2=0V
-0.1
(*8)
μ
A
LX1・2 "H" Leak Current
(*7)
Ileak1H・Ileak2H PVDD1・2=LX1=LX2=5.5V, EN1=EN2=0V
1.0
(*9)
μ
A
LX1・2 "L" Leak Current
Ileak1L・Ileak2L PVDD1・2=5.5V, LX1=LX2=EN1=EN2=0V
-3.0
(*9)
μ
A
XC9515BA06xx
●DC/DC CH1, CH2 (VOUT1=1.5V, VOUT2=3.3V, fOSC=1MHz, EN1 and EN2 pins are internally floating)
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC9515AA05ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515AA01ZR-G TOREX-XC9515AA01ZR-G Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
More results

Similar Description - XC9515AA05ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515 TOREX-XC9515_1 Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com