Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9515AA04ZL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9515AA04ZL
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515AA04ZL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9515AA04ZL Datasheet HTML 6Page - Torex Semiconductor XC9515AA04ZL Datasheet HTML 7Page - Torex Semiconductor XC9515AA04ZL Datasheet HTML 8Page - Torex Semiconductor XC9515AA04ZL Datasheet HTML 9Page - Torex Semiconductor XC9515AA04ZL Datasheet HTML 10Page - Torex Semiconductor XC9515AA04ZL Datasheet HTML 11Page - Torex Semiconductor XC9515AA04ZL Datasheet HTML 12Page - Torex Semiconductor XC9515AA04ZL Datasheet HTML 13Page - Torex Semiconductor XC9515AA04ZL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/21
XC9515 Series
■OPERATIONAL EXPLANATION
XC9515 series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator, phase
compensation circuit, output voltage adjustment resistors, P-channel driver transistor, N-channel synchronous switching
transistor, current limit circuit, UVLO circuit and others. The series ICs compare, using the error amplifier, the voltage of the
internal voltage reference source with the feedback voltage from VOUT pin through split resistors, RFB1 and RFB2. Phase
compensation is performed on the resulting error amplifier output, to input a signal to the PWM comparator to determine the
turn-on time during PWM operation. The PWM comparator compares, in terms of voltage level, the signal from the error
amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting output to the buffer driver circuit to cause
the Lx pin to output a switching duty cycle. This process is continuously performed to ensure stable output voltage. The
current feedback circuit monitors the P-channel driver transistor current for each switching operation, and modulates the error
amplifier output signal to provide multiple feedback signals. This enables a stable feedback loop even when a low ESR
capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency. The frequency is fixed internally at 1MHz. Clock pulses generated
in this circuit are used to produce ramp waveforms needed for PWM operation, and to synchronize all the internal circuits.
<Error Amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback
voltage divided by the internal split resistor, RFB1 and RFB2. When a voltage lower than the reference is fed back, the output
voltage of the error amplifier increases. The gain and frequency characteristics of the error amplifier output are fixed
internally to deliver an optimized signal to the mixer.
<Current Limit>
The current limiter circuit of the XC9515 series monitors the current flowing through the P-channel MOS driver transistor
connected to the Lx pin, and features a combination of the current limit mode and the latch mode.
①When the driver current is greater than a specific level (peak value of coil current), the current limit function operates to off
the pulses from the Lx pin at any giving timing.
②When the driver transistor is turned off, the limiter circuit is then released from the current limit detection state.
③At the next pulse, the driver transistor is turned on. However, the transistor is immediately turned off in the case of an
over current state.
④When the over current is eliminated, the IC resumes its normal operation.
The IC waits for the over current state to end by repeating the steps ① to ③. If an over current state continues for a few
ms and the above three steps are repeatedly performed, the IC performs the function of latching the OFF state of the
driver transistor. Both two DC/DC blocks stop operations when either CH1 or CH2 of protection circuit is activated. At
this time, both Lx1 and Lx2 become high impedance. Once the IC is in latch mode, operations can be resumed by either
turning the IC off after letting EN1 and EN2 pins down to low level, or by restoring power. For restoring power, the IC
should be turned off after P_VDD1 and P_VDD2 voltages drop below the low level of EN1 and EN2 pin.)The latch operation
can be released from the current limit detection state because of the circuit’s noise. Also, depending on the state of the
PC Board, latch time may become longer and latch operation may not work. In order to avoid the effect of noise, the
board should be laid out so that capacitors are placed as close to the chip as possible.
Limit < # ms
Limit < # ms


Similar Part No. - XC9515AA04ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515AA01ZR-G TOREX-XC9515AA01ZR-G Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
More results

Similar Description - XC9515AA04ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515 TOREX-XC9515_1 Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com