Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-6120 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6120
Description  High Performance Laser Mouse Bundles
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6120 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
2D Assembly Drawing of ADNB-6011, PCBs and Base Plate
Figure 2. Exploded view drawing
Shown with ADNS-6120 or ADNS-6130-001 Laser Mouse
Lens, ADNS-6230-001 VCSEL Assembly Clip and ADNV-
6330 VCSEL. The components interlock as they are
mounted onto defined features on the base plate.
The ADNS-6010 laser mouse sensor is designed for
mounting on a through hole PCB, looking down. There is
an aperture stop and features on the package that align
to the lens.
The ADNV-6330 VCSEL provides a laser diode with a
single longitudinal and a single transverse mode. It is par-
ticularly suited as lower power consumption and highly
coherent replacement of LEDs. It also provides wider
operation range while still remaining within single-mode,
reliable operating conditions.
The ADNS-6120 or ADNS-6130-001 Laser Mouse Lens is
designed for use with ADNS-6010 sensor and the illumi-
nation subsystem provided by the VCSEL assembly clip
and the VCSEL. Together with the VCSEL, the ADNS-6120
or ADNS-6130-001 lens provides the directed illumina-
tion and optical imaging necessary for proper operation
of the Laser Mouse Sensor. ADNS-6120 or ADNS-6130-
001 is a precision molded optical component and should
be handled with care to avoid scratching of the optical
surfaces. ADNS-6120 has a large round flange to provide
a long creepage path for any ESD events that occur at the
opening of the base plate.
The ADNS-6230-001 VCSEL Assembly Clip is designed to
provide mechanical coupling of the ADNV-6330 VCSEL
to the ADNS-6120 or ADNS-6130-001 lens. This coupling
is essential to achieve the proper illumination alignment
required for the sensor to operate on a wide variety of
surfaces.
Avago Technologies provides an IGES file drawing de-
scribing the base plate molding features for lens and PCB
alignment.
*or ADNS-6130-001 for trim lens
ADNS-6010 (sensor)
Customer Supplied PCB
ADNS-6120 (lens)*
Customer Supplied Base Plate
With Recommended Features
Per IGES Drawing
Customer Supplied VCSEL PCB
ADNV-6330 (VCSEL)
ADNS-6230-001 (clip)


Similar Part No. - ADNS-6120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-6120 HP-ADNS-6120 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6120 BOARDCOM-ADNS-6120 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6120 AVAGO-ADNS-6120 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6120 BOARDCOM-ADNS-6120 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6120 AVAGO-ADNS-6120 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
More results

Similar Description - ADNS-6120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6011-EV AVAGO-ADNB-6011-EV Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Agilent(Hewlett-Packard...
ADNB-6031 HP-ADNB-6031 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
ADNB-6032 HP-ADNB-6032 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
   Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6010 BOARDCOM-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com