Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA-2011-TR1G Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # MSA-2011-TR1G
Description  Silicon Bipolar RFIC Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MSA-2011-TR1G Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  MSA-2011-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MSA-2011-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MSA-2011-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MSA-2011-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MSA-2011-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MSA-2011-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MSA-2011-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FREQUENCY (GHz)
0.1
1.0
4.0
25
20
5
10
15
-25
°C
85
°C
25
°C
-55
°C
I (mA)
d
40
25
30
13
11
17
15
20
18
12
14
16
19
20
35
0.1 GHz
2.0 GHz
1.0 GHz
0.5 GHz
FREQUENCY (GHz)
0.1
1.0
4.0
0
16
14
2
8
10
6
4
12
25 mA
40 mA
35 mA
30 mA
20 mA
FREQUENCY (GHz)
0.1
1.0
4.0
3
4
6
5
40 mA
20 mA
AMBIENT TEMPERATURE (
°C)
85
25
9
7
17
16
8
10
15
-25
NF
6
4
5
3
P
G
1dB
P
-55
°C
0
0
30
10
20
V (VOLTS)
D
40
1
6
5
4
3
2
-25
°C
25
°C
85
°C
Typical Performance for MSA-2011
Figure 1. Power Gain vs. Frequency at Four Tempera-
tures, ID = 32 mA.
Figure 2. Power Gain vs. Current at 25°C.
Figure 3. Typical P1dB vs. Frequency at 25°C.
Figure 4. Noise Figure vs. Frequency at ID = 32 mA.
Figure 5. Power Gain, Noise Figure, and P1dB vs. Tem-
perature at 1 GHz and ID = 32 mA.
Figure 6. ID vs. VD at Four Temperatures.


Similar Part No. - MSA-2011-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-2011-TR1 HP-MSA-2011-TR1 Datasheet
127Kb / 8P
   Silicon Bipolar RFIC Amplifiers
More results

Similar Description - MSA-2011-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-20XX HP-MSA-20XX Datasheet
127Kb / 8P
   Silicon Bipolar RFIC Amplifiers
MSA-31XX HP-MSA-31XX Datasheet
104Kb / 7P
   Silicon Bipolar RFIC Amplifiers
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
   Silicon Bipolar RFIC 900 MHz Vector Modulator
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Agilent(Hewlett-Packard...
HPMX-3002 HP-HPMX-3002 Datasheet
93Kb / 8P
   Silicon Bipolar RFIC 900 MHz Driver Amplifier
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
MSA-0135 HP-MSA-0135 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0635 HP-MSA-0635 Datasheet
53Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0235 HP-MSA-0235 Datasheet
53Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0436 AVAGO-MSA-0436 Datasheet
376Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com