Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-2500 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2500
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-2500 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-2500 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-2500 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-2500 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-2500 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-2500 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-2500 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-2500 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-2500 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-2500 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Optical Characteristics at 25°C[1]
VDD = 5.0 V at Full Brightness
Luminous Intensity
Peak
Dominant
Character Average (#)
Wavelength
Wavelength
Part
Iv (mcd)
lPeak
ld
Description
Number
Min.
Typ.
(nm)
(nm)
AlGaAs
HDSP-2107
8.0
15.0
645
637
-2504
HER
HDSP-2112
2.5
7.5
635
626
-2502
Orange
HDSP-2110
2.5
7.5
600
602
-2500
Yellow
HDSP-2111
2.5
7.5
583
585
-2501
High Performance
HDSP-2113
2.5
7.5
568
574
Green
-2503
Note:
1. Refers to the initial case temperature of the device immediately prior to measurement.
AC Timing Characteristics Over Temperature Range (-45°C to +85°C)
4.5 V < VDD < 5.5 V, unless otherwise specified
Reference
Number
Symbol
Description
Min.[1]
Units
1
tACC
Display Access Time
Write
210
Read
230
ns
2
tACS
Address Setup Time to Chip Enable
10
ns
3
tCE
Chip Enable Active Time[2,3]
Write
140
Read
160
ns
4
tACH
Address Hold Time to Chip Enable
20
ns
5
tCER
Chip Enable Recovery Time
60
ns
6
tCES
Chip Enable Active Prior to Rising Edge of[2,3]
Write
140
Read
160
ns
7
tCEH
Chip Enable Hold Time to Rising Edge of
Read/Write Signal[2,3]
0
ns
8
tW
Write Active Time
100
ns
9
tWSU
Data Write Setup Time
50
ns
10
tWH
Data Write Hold Time
20
ns
11
tR
Chip Enable Active Prior to Valid Data
160
ns
12
tRD
Read Active Prior to Valid Data
75
ns
13
tDF
Read Data Float Delay
10
ns
tRC
Reset Active Time[4]
300
ns
Notes:
1. Worst case values occur at an IC junction temperature of 150°C.
2. For designers who do not need to read from the display, the Read line can be tied to VDD and the Write and Chip Enable lines can be tied to-
gether.
3. Changing the logic levels of the Address lines when CE = “0” may cause erroneous data to be entered into the Character RAM, regardless of
the logic levels of the WR and RD lines.
4. The display must not be accessed until after 3 clock pulses (110 µs min. using the internal refresh clock) after the rising edge of the reset line.


Similar Part No. - HDSP-2500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2500 HP-HDSP-2500 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2500 AVAGO-HDSP-2500 Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2500 AVAGO-HDSP-2500 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results

Similar Description - HDSP-2500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-253X HP-HDSP-253X Datasheet
407Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-253 HP-HDSP-253 Datasheet
201Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-253X AVAGO-HDSP-253X Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
   Eight Character 5-mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com