Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-2502 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2502
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-2502 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-2502 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-2502 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-2502 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-2502 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-2502 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-2502 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-2502 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-2502 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-2502 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Electrical Characteristics Over Operating Temperature Range (-45°C to +85°C)
4.5 V < VDD < 5.5 V, unless otherwise specified
TA = 25°C
-45°C < TA < + 85°C
VDD = 5.0
4.5 V < VDD < 5.5 V
Parameter
Symbol
Typ.
Max.
Min.
Max.
Units
Test Conditions
Input Leakage
IIH
1.0
µA
VIN = 0 to VDD,
(Input without pullup)
IIL
-1.0
pins CLK, D0-D
A0-A4
Input Current
IIPL
-11
-18
-30
µA
VIN = 0 to VDD,
(Input with pullup)
pins CLS, RST,
WR, RD, CE, FL
IDD Blank
IDD (BLK)
0.5
3.0
4.0
mA
VIN = VDD
IDD 8 digits
IDD(V)
200
255
330
mA
“V” on in all 8
12 dots/character[1,2]
locations
IDD 8 digits
IDD(#)
300
370
430
mA
“#” on in al
20 dots/character[1,2,3,4]
locations
Input Voltage High
VIH
2.0
VDD
V
+0.3
Input Voltage Low
VIL
GND
0.8
V
-0.3 V
Output Voltage High
VOH
2.4
V
VDD = 4.5 V,
IOH = -40 µA
Output Voltage Low
VOL
0.4
V
VDD = 4.5 V,
D0-D7
IOL = 1.6 mA
Output Voltage Low
VOL
0.4
V
VDD = 4.5 V,
CLK
IOL = 40 µA
High Level Output
IOH
-60
mA
VDD = 5.0 V
Current
Low Level Output
IOL
50
mA
VDD = 5.0 V
Current
Thermal Resistance
RqJ-C
15
°C/W
IC Junction-to-Case
Notes:
1. Average IDD measured at full brightness. See Table 2 in Control Word Section for IDD at lower brightness levels. Peak IDD = 28/15 x IDD (#).
2. Maximum IDD occurs at -55°C.
3. Maximum IDD(#) = 355 mA at VDD = 5.25 V and IC TJ = 150°C.
4. Maximum IDD(#) = 375 mA at VDD = 5.5 V and IC TJ = 150°C.


Similar Part No. - HDSP-2502

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2502 HP-HDSP-2502 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2502 AVAGO-HDSP-2502 Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2502 AVAGO-HDSP-2502 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results

Similar Description - HDSP-2502

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-253X HP-HDSP-253X Datasheet
407Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-253 HP-HDSP-253 Datasheet
201Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-253X AVAGO-HDSP-253X Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
   Eight Character 5-mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com