Part Name
         Description
MC34063ADRG

 DC-TO-DC Converter Control Circuits ( 15 Page)


WINGS
100% 
Zoom Out Zoom In
 
 5 page
background image
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Timing Capacitor Waveform
Figure 5. Common Emitter Configuration Output Switch
Saturation Voltage vs. Collector Current
Figure 4. Emitter Follower Configuration Output
Saturation Voltage vs. Emitter Current
Figure 6. Current Limit Sense Voltage vs.
Figure 7. Standby Supply Current vs.
Figure 2. Output Switch On−Off Time vs.
Oscillator Timing Capacitor
1000
500
200
100
50
20
10
5.0
2.0
1.0
0.01 0.02 0.05 0.1 0.2 0.5
1.0 2.0
5.0
10
CT,OSCILLATOR TIMING CAPACITOR(nF)
VCC=5.0V
Pin7=VCC
Pin5=GND
TA=25°C
ton
toff
10μS / DIV
VCC=5.0V
Pin7=VCC
Pin2=GND
Pins1,5,8=Open
CT=1.0μF
TA=25°C
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0
0.2
0.4 0.6 0.8 1.0 1.2 1.4 1.6
VCC=5.0V
Pins1,7,8=Vcc
Pins3,5=GND
TA = 25ºC
IE, EMITTER CURRENT(A)
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
VCC=5.0V
Pin7=Vcc
Pins 2
,3,5=GND
TA = 25ºC
Darlington Connection
Forcedβ = 20
IC, COLLECTOR CURRENT(A)
400
380
360
340
320
300
280
260
240
220
200
-55
-25
0
25
50
75
100 125
TA,AMBIENT TEMPERATURE(°C)
Vcc=5.0V
Ichg=Idischg
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
0
5.0 10
15
20
25 30
35
40
CT=1.0nF
Pin7=Vcc
Pin2=GND
VCC,S UPPLY VOLTAGE(V)
Supply Voltage
Temperature
DC-TO-DC Converter Control Circuits
MC34063A



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
S34063DC-to-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreSuntac Electronic Corp.
RT34063ADC-to-DC Converter Control Circuits 1 2 3 4 5 MoreRichtek Technology Corporation
AMC34063ADC-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreADDtek Corp
GM340631.5A DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreGamma Microelectronics Inc.
MC34063ABDC/DC converter control circuits 1 2 3 4 5 MoreSTMicroelectronics
ML34063DC-to-DC Converter Control Circuit 1 2 3 4 5 Minilogic Device Corporation Limited
ADP2503600 mA/1000 mA 2.5 MHz Buck-Boost DC-to-DC Converter 1 2 3 4 5 MoreAnalog Devices
UC3842A_05CURRENT MODE PWM CONTROL CIRCUITS 1 2 3 4 5 MoreUnisonic Technologies
LM3677_083MHz 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits Coming SoonNational Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl