Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063ADRG Datasheet(PDF) 10 Page - Wing Shing Computer Components

Part # MC34063ADRG
Description  DC-TO-DC Converter Control Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

MC34063ADRG Datasheet(HTML) 10 Page - Wing Shing Computer Components

Back Button MC34063ADRG Datasheet HTML 6Page - Wing Shing Computer Components MC34063ADRG Datasheet HTML 7Page - Wing Shing Computer Components MC34063ADRG Datasheet HTML 8Page - Wing Shing Computer Components MC34063ADRG Datasheet HTML 9Page - Wing Shing Computer Components MC34063ADRG Datasheet HTML 10Page - Wing Shing Computer Components MC34063ADRG Datasheet HTML 11Page - Wing Shing Computer Components MC34063ADRG Datasheet HTML 12Page - Wing Shing Computer Components MC34063ADRG Datasheet HTML 13Page - Wing Shing Computer Components MC34063ADRG Datasheet HTML 14Page - Wing Shing Computer Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Figure 13. Step-down with External PNP Switch
Figure 14. Voltage Inverting with External NPN Switch
+
_
S Q
R
1.25V
Reference
Regulator
Comparator
VIN
VOUT
Q1
+
RSC
1
2
3
4
5
6
7
8
Q2
+
_
S Q
R
1.25V
Reference
Regulator
Comparator
VIN
VOUT
Q1
+
RSC
1
2
3
4
5
6
7
8
Q2
TYPICAL APPLICATION(CONTINUED)
Oscillator
Ipk
Oscillator
Ipk
DC-TO-DC Converter Control Circuits
MC34063A


Similar Part No. - MC34063ADRG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC34063ADRG4 TI-MC34063ADRG4 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC34063ADRG4 TI1-MC34063ADRG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Similar Description - MC34063ADRG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com