Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD798 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2SD798
Description  POWER TRANSISTORS(6A,300V,30W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SD798 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2SD798 Datasheet HTML 1Page - Mospec Semiconductor 2SD798 Datasheet HTML 2Page - Mospec Semiconductor 2SD798 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


Similar Part No. - 2SD798

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD798 SAVANTIC-2SD798 Datasheet
99Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD798 JMNIC-2SD798 Datasheet
82Kb / 3P
   Silicon Power Transistors
2SD798 JMNIC-2SD798_15 Datasheet
82Kb / 3P
   Silicon Power Transistors
2SD798_2015 JMNIC-2SD798_2015 Datasheet
82Kb / 3P
   Silicon Power Transistors
More results

Similar Description - 2SD798

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD1088 MOSPEC-2SD1088 Datasheet
111Kb / 3P
   POWER TRANSISTORS(6A,250V,30W)
logo
Weidmuller
2838400000 WEIDMULLER-2838400000 Datasheet
730Kb / 5P
   PRO BAS 30W 5V 6A
logo
Mospec Semiconductor
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
2SD313 MOSPEC-2SD313 Datasheet
115Kb / 3P
   POWER TRANSISTORS(3A,60V,30W)
MJE2360T MOSPEC-MJE2360T Datasheet
84Kb / 2P
   POWER TRANSISTORS(0.5A,350V,30W)
2SB834 MOSPEC-2SB834 Datasheet
118Kb / 3P
   POWER TRANSISTORS(3.0A,60V,30W)
2SD880 MOSPEC-2SD880 Datasheet
131Kb / 3P
   POWER TRANSISTORS(3A,60V,30W)
2SB596 MOSPEC-2SB596 Datasheet
119Kb / 3P
   POWER TRANSISTORS(4.0A,80V,30W)
2SB507 MOSPEC-2SB507 Datasheet
112Kb / 3P
   POWER TRANSISTORS(3.0A,60V,30W)
2SD526 MOSPEC-2SD526 Datasheet
118Kb / 3P
   POWER TRANSISTORS(4A,80V,30W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com