Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7821 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7821
Description  4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7821 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7821 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Figure 17. Tape and Reel Format – 4 mm x 4 mm.
Tape Drawing
8.00±0.10
P1
0.30±0.05
T
4.00±0.10
P0
12.00±0.30
W
1.60±0.10
D1
5.50±0.05
F
1.55±0.05
D0
1.75±0.10
E
1.70±0.10
K0
40.00±0.20
P10
4.40±0.10
B0
2.00±0.05
P2
4.40±0.10
A0
Millimeter
Annote
Millimeter
Annote
Dimension List


Similar Part No. - ACPM-7821

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7822 AVAGO-ACPM-7822 Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
ACPM-7822-BLK AVAGO-ACPM-7822-BLK Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
ACPM-7822-TR1 AVAGO-ACPM-7822-TR1 Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
More results

Similar Description - ACPM-7821

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77144 SKYWORKS-CX77144 Datasheet
733Kb / 12P
   Power Amplifier Module for CDMA (887-925 MHz)
logo
Stealth Microwave, Inc.
SM04093-36HS STEALTH_MICROWAVE-SM04093-36HS Datasheet
109Kb / 4P
   400-925 MHz 4 Watt Linear Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828_15 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Broadcom Corporation.
MGA-43828 BOARDCOM-MGA-43828 Datasheet
810Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
   Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com