Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9741 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-9741
Description  For 180, 300, 360 LPI Small Optical Encoder Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9741 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-9741 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Flux – RMA Water Soluble (per
MIL-F-14256D)
Process Parameters
1. Flux
2. Pre-heat 60 seconds total
Nominal preheat temp: 90
°C
Min: 85
°C
Max: 110
°C
3. Solder Pot Zone
Nominal dip in time:
2.5 - 4.5 seconds
Min: 2.5 seconds
Max: 5 seconds
PCB top side: 140 -160
°C
PCB bottom side: 240 - 260
°C
4. Wave Solder 255
°C,
1.2 meters/minute line speed
5. Hot Water Wash
1st: 30
°C 45 seconds
2nd: 70
°C 90 seconds
6. Rinse
1st: 23
°C 45 seconds
2nd: 23
°C 45 seconds
7. Dry
1st: 80
°C 105 seconds
2nd: 95
°C 105 seconds
Package Dimensions
Mounting Option #50
Note:
If not specified, tolerances are xx.
± 0.7, xx.x ± 0.3, xx.xx ± 0.07 mm.
AGILENT
8.7
6.40
0.14
(OPTICAL CENTER)
2x
∅ 2.00 ± 0.03
1.4
5.0
3.9
R 1.4
10.1
7.5
4.2
3.90 ± 0.15
0.8
1.70 ± 0.22
4.2
3.0
9.8
1.8
3.8
0.50
20.2 ± 0.7
15.0
8.4
PART #
C = COUNTRY
OF ORIGIN
DATE CODE
12.6 ± 0.7
7.0
OPTION CODE
PIN 1 ID
LEAD THICKNESS = 0.25 mm
LEAD PITCH = 2.54 mm
10.8 ± 0.7
5.5 ± 0.4
R 2.6
Ordering Information
HEDS-974
Option
Lead Bend
0 – Straight Leads
1 – Bend Leads
Resolution Options
Q – 180 LPI, linear
2 – 300 LPI, linear
1 – 360 LPI, linear
Mounting Options
50 – Standard
50
51
52
53
54
55
HEDS-9740
Q
*
2*
1*
HEDS-9741
Q
2*
1
Recommended Wave Solder
Conditions


Similar Part No. - HEDS-9741

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9741 HP-HEDS-9741 Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
HEDS-9741 HP-HEDS-9741 Datasheet
224Kb / 7P
   Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules
More results

Similar Description - HEDS-9741

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
HEDS-974 HP-HEDS-974 Datasheet
224Kb / 7P
   Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com