Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMY-C265 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMY-C265
Description  Surface Mount Chip LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMY-C265 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HSMY-C265 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMY-C265 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMY-C265 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMY-C265 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMY-C265 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMY-C265 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMY-C265 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Figure 10. Tape dimensions.
Figure 11. Tape leader and trailer dimensions.
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is ± 0.1 mm (± 0.004 in.) unless otherwise specified.
HSMx-C260 fig 11
END
START
THERE SHALL BE A
MINIMUM OF 160 mm
(6.3 INCH) OF EMPTY
COMPONENT POCKETS
SEALED WITH COVER
TAPE.
MOUNTED WITH
COMPONENTS
THERE SHALL BE A
MINIMUM OF 160 mm
(6.3 INCH) OF EMPTY
COMPONENT POCKETS
SEALED WITH COVER
TAPE.
MINIMUM OF
230 mm
(9.05 INCH)
MAY CONSIST
OF CARRIER
AND/OR
COVER TAPE.
HSMx-C260 fig 10
8.00 ± 0.30
(0.315 ± 0.012)
USER FEED
DIRECTION
DIM. A
(SEE TABLE 1)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 (0.069)
DIM. C
(SEE TABLE 1)
0.20 ± 0.05
(0.008 ± 0.002)
CARRIER TAPE
COVER TAPE
DIM. B
(SEE TABLE 1)
4.00 (0.157)
2.00 ± 0.05
(0.079 ± 0.002)
4.00 (0.157)
1.50 (0.059)
HSMx-C265 SERIES 3.70 (0.146) 1.45 (0.057)
1.30 (0.051)
TABLE 1
DIMENSIONS IN MILLIMETERS (INCHES)
CATHODE
DIM. A
± 0.10 (0.004)
DIM. B
± 0.10 (0.004)
PART NUMBER
DIM. C
± 0.10 (0.004)
Convective IR Reflow Soldering
For more information on IR reflow
soldering, refer to
Applica-
tion Note 1060, Surface Mounting
SMT LED Indicator Components.
Storage Condition: 5 to 30˚C at 60% RH max.
Baking is required under the condition:
a) the blue silica gell indicator becoming white/transpar-
ent color
b) the pack has been open for more than 1 week
Baking recommended condition: 60 ± 5˚C for 20 hours.
6


Similar Part No. - HSMY-C265

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMY-C265 HP-HSMY-C265 Datasheet
211Kb / 9P
   Surface Mount Chip LEDs
More results

Similar Description - HSMY-C265

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com