Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6225B252GR-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6225B252GR-G
Description  30mA High Speed LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6225B252GR-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6225B252GR-G Datasheet HTML 3Page - Torex Semiconductor XC6225B252GR-G Datasheet HTML 4Page - Torex Semiconductor XC6225B252GR-G Datasheet HTML 5Page - Torex Semiconductor XC6225B252GR-G Datasheet HTML 6Page - Torex Semiconductor XC6225B252GR-G Datasheet HTML 7Page - Torex Semiconductor XC6225B252GR-G Datasheet HTML 8Page - Torex Semiconductor XC6225B252GR-G Datasheet HTML 9Page - Torex Semiconductor XC6225B252GR-G Datasheet HTML 10Page - Torex Semiconductor XC6225B252GR-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
XC6225
Series
Voltage Table1
OUTPUT VOLTAGE
±2% (V)
DROPOUT VOLTAGE
Vdif
(mV)
NOMINAL
OUTPUT
VOLTAGE
(V)
VOUT(E)
Vdif
VOUT(T)
MIN.
MAX.
TYP.
MAX.
0.80
0.7700
0.8300
1700
0.85
0.8200
0.8800
325
1650
0.90
0.8700
0.9300
1600
0.95
0.9200
0.9800
235
1550
1.00
0.9700
1.0300
1500
1.05
1.0200
1.0800
160
1450
1.10
1.0700
1.1300
1400
1.15
1.1200
1.1800
115
1350
1.20
1.1700
1.2300
1300
1.25
1.2200
1.2800
1250
1.30
1.2700
1.3300
1200
1.35
1.3200
1.3800
1150
1.40
1.3700
1.4300
1100
1.45
1.4200
1.4800
85
1050
1.50
1.4700
1.5300
1000
1.55
1.5190
1.5810
950
1.60
1.5680
1.6320
900
1.65
1.6170
1.6830
850
1.70
1.6660
1.7340
800
1.75
1.7150
1.7850
50
750
1.80
1.7640
1.8360
700
1.85
1.8130
1.8870
650
1.90
1.8620
1.9380
600
1.95
1.9110
1.9890
550
2.00
1.9600
2.0400
500
2.05
2.0090
2.0910
450
2.10
2.0580
2.1420
400
2.15
2.1070
2.1930
350
2.20
2.1560
2.2440
300
2.25
2.2050
2.2950
250
2.30
2.2540
2.3460
200
2.35
2.3030
2.3970
150
2.40
2.3520
2.4480
2.45
2.4010
2.4990
40
2.50
2.4500
2.5500
2.55
2.4990
2.6010
2.60
2.5480
2.6520
2.65
2.5970
2.7030
2.70
2.6460
2.7540
2.75
2.6950
2.8050
2.80
2.7440
2.8560
2.85
2.7930
2.9070
2.90
2.8420
2.9580
2.95
2.8910
3.0090
70
120
■OUTPUT VOLTAGE CHART


Similar Part No. - XC6225B252GR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results

Similar Description - XC6225B252GR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
logo
Torex Semiconductor
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com