Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X533 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # X533
Description  3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

X533 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  X533 Datasheet HTML 1Page - Connor-Winfield Corporation X533 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield X533 is a
3.3V Crystal Controlled Oscillator
(XO) with LVDS Differential
outputs. The X533 is designed for
use with PLL systems requiring
tight frequency stability vs.
temperature. The use of
multiplication is utilized in this
oscillator design.
1
2
X533
-
333.00MHz
LVDS
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LOW JITTER <3pS RMS
TOTAL FREQUENCY TOLERANCE:
±100ppm
TEMPERATURE RANGE: 0 to 85°C
DIFFERENTIAL LVDS OUTPUTS
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
3.3V SURFACE MOUNT 5.0 x 7.5mm
LVDS CLOCK OSCILLATOR
X533
DS019
02
11/07/05
www.conwin.com
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
100
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
100
-
400
MHz
Total Frequency Tolerance
-100
-
100
ppm
1
Operating Temperature Range
0
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
60
mA
Jitter (BW=10Hz to 20MHz)
-
-
10
ps rms
Jitter (BW=12kHz to 80MHz)
-
-
3
ps rms
SSB Phase Noise at 10Hz offset
-
-75
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-95
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-110
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-120
-
dBc/Hz
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Enable Input Voltage (Low)
(Vil)
-
-
0.3Vcc
Vdc
2
Disable Input Voltage (High)
(Vih)
0.7Vcc
-
-
Vdc
2
LVDS OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
100
Ohms
3
Output Differential Voltage
(Vod)
250
-
450
mV
Duty Cycle at 50% Level
45
50
55
%
Rise / Fall Time
-
0.6
1.0
nS
PACKAGE CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed ceramic package with grounded m etal cover.
PROCESS RECOMMENDATIONS
TABLE 6.0
Solder Reflow
SMD product suitable for Convection Reflow soldering. Peak temperature
260
°C. Maximum time above 220°C, 60 seconds.
Notes
1.0
Inclusive of calibration @ 25°C, frequency stabili ty vs. temperature, control voltage (Vc) = 1.65 Vdc and aging for ten
years.
2.0
When oscillator is disabled both output are in a high impedance stat e (Tri-State)
3.0
Vod measured with 100 ohm resistor between the true output and the com plementary output.
X533M2
333M


Similar Part No. - X533

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323 INTERSIL-X5323 Datasheet
360Kb / 21P
   CPU Supervisor with 32Kb SPI EEPROM
X5323 INTERSIL-X5323 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Intersil Corporation
X5323P INTERSIL-X5323P Datasheet
360Kb / 21P
   CPU Supervisor with 32Kb SPI EEPROM
X5323P INTERSIL-X5323P Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results

Similar Description - X533

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
X502 CONNOR-WINFIELD-X502 Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X504 CONNOR-WINFIELD-X504 Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X441 CONNOR-WINFIELD-X441 Datasheet
113Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X403 CONNOR-WINFIELD-X403 Datasheet
164Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X431 CONNOR-WINFIELD-X431 Datasheet
134Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X410 CONNOR-WINFIELD-X410 Datasheet
114Kb / 2P
   2.5V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL3225 RALTRON-CL3225 Datasheet
323Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL5032 RALTRON-CL5032 Datasheet
334Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com