Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF150LF-010.0M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # PF150LF-010.0M
Description  Oven Controlled Crystal Oscillators 3.3V / 5.0V Series LVCMOS / HCMOS Series VCOCXO / OCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

PF150LF-010.0M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  PF150LF-010.0M Datasheet HTML 1Page - Connor-Winfield Corporation PF150LF-010.0M Datasheet HTML 2Page - Connor-Winfield Corporation PF150LF-010.0M Datasheet HTML 3Page - Connor-Winfield Corporation PF150LF-010.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Type:
Precision
Frequency
Standard
OCXO
VCOCXO
Frequency Stability:
0 = +/-0.05ppm
1 = +/-0.10ppm
2 = +/-0.15ppm
3 = +/-0.20ppm
4 = +/-0.25ppm
Package Type:
1 = 14 Pin DIP
2 = SMT 20x14mm
Temperature Range:
5=0to
6 = -40 to 85
70° C
°C
Output Frequency:
M = MHz
xxx.xxM
PF
1
5
010.0M
-
Supply Voltage / Output:
L = 3.3Vdc / LVCMOS
H = 5.0Vdc / HCMOS
L
Output:
F = Fixed Frequency
V = Voltage Controlled
F
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
Bulletin
Page
Revision
Date
Cx123
1of4
01
25 Jun 2008
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
US Headquarters
630-851-4722:
European Headquarters:
+353-61-472221
0704
PF151LF
10.0MHZ
The Connor-Winfield 14 Pin DIP Oven
Stabilized Crystal Controlled Oscillators
(OCXO) series and Voltage Controlled
Oven Stabilized Crystal Controlled
Oscillators (VCOCXO) series are
designed for use in applications
requiring stabilities of +/-0.05ppm to +/-
0.25ppm.
Precision
Frequency
Standard
Frequency Range: 6.4 MHz to 40 MHz
OCXO - Fixed Frequency
VCOCXO - Voltage Controlled
3.3V or 5.0V Operation
LVCMOS or HCMOS Output Logic
Frequency Stabilities Available:
Temperature Ranges Available:
Low Jitter <1pS RMS
14 Pin DIP Package
RoHS Compliant / Lead Free
PF150xx Series: ±0.05ppm
PF151xx / PF161xx Series: ±0.10ppm
PF152xx / PF162xx Series: ±0.15ppm
PF153xx / PF163xx Series: ±0.20ppm
PF154xx / PF164xx Series: ±0.25ppm
PF15xxx Series: 0 to 70°C
PF16xxx Series: -40 to 85°C
14 Pin DIP Package
OCXO Series
14x20mm Surface Mount Package
OCXO Series
The Connor-Winfield 14x20mm Oven
Stabilized Crystal Controlled Oscillators
(OCXO series) and Voltage Controlled
Crystal Controlled
Oscillators (VCOCXO series) are
designed for use in applications
requiring stabilities of +/-0.05ppm to
+/-0.25ppm
Oven Stabilized
.
Frequency Range: 6.4 to 40 MHz
OCXO - Fixed Frequency
VCOCXO - Voltage Controlled
3.3V or 5.0V Operation
LVCMOS or HCMOS Output Logic
Frequency Stabilities Available:
Temperature Ranges Available:
PF25xxx Series: 0 to 70°C
Low Jitter <1pS RMS
Surface Mount Package
Tape and Reel Packing
RoHS Compliant / Lead Free
PF250xx Series: ±0.05ppm
PF251xx / PF261xx Series: ±0.10ppm
PF252xx / PF262xx Series: ±0.15ppm
PF253xx / PF263xx Series: ±0.20ppm
PF254xx / PF264xx Series: ±0.25ppm
PF26xxx Series: -40 to 85°C
0704
PF251LF
12.8MHZ
PF-Series
Oven Controlled Crystal Oscillators
3.3V / 5.0V Series
LVCMOS / HCMOS Series
VCOCXO / OCXO
Ordering Information
Description
Features
Description
Features
Standard Frequencies: (Additional Frequencies are Available)
6.4 MHz, 8.192MHz, 9.72 MHz, 10.0 MHz,12.8 MHz,16.384 Hz, 19.44 MHz, 20.0 MHz 40.0 MHz
,


Similar Part No. - PF150LF-010.0M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PF1500B-360 TDK-PF1500B-360 Datasheet
1Mb / 5P
   1008 to 1512W Power Factor Correction Module
October 11th, 2022 V1
PF1500B-360/T TDK-PF1500B-360/T Datasheet
1Mb / 5P
   1008 to 1512W Power Factor Correction Module
October 11th, 2022 V1
logo
Nihon Inter Electronics...
PF1508N NIEC-PF1508N Datasheet
159Kb / 2P
   150A Avg 800 Volts
More results

Similar Description - PF150LF-010.0M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
EX-240 VECTRON-EX-240 Datasheet
44Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com