Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P721 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # P721
Description  5x7.0mm SURFACE MOUNT 3.3V LVPECL HIGH FREQUENCY OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

P721 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  P721 Datasheet HTML 1Page - Connor-Winfield Corporation P721 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Ec247
00
01/29/07
80%
50%
20%
2
2
1
1
N/C
N/C
E/D
E/D
TABLE 6.0
Pin
Connection
1
Enable / Disable
2
N/C
3
Ground
4
Q Output
5
Q Output
6
Vcc
TABLE 7.0
Enable / Disable Function (Pad 1)
Output
High or Open
Enable
Low
Disable (High Impedance)
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
.070
(1.8mm)
P721
311.04M
0705
MAX
MAX
MAX
0
7
Package Outline
Suggested Pad Layout
Test Circuit
Solder Profile
Output Waveform
Pin Connections


Similar Part No. - P721

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P72-10M PANDUIT-P72-10M Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
P72-C PANDUIT-P72-C Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
P72-D PANDUIT-P72-D Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
logo
Hamamatsu Corporation
P722-10R HAMAMATSU-P722-10R Datasheet
114Kb / 2P
   CbS photoconductive cell
P722-5R HAMAMATSU-P722-5R Datasheet
106Kb / 2P
   Resin coating type (5R type)
More results

Similar Description - P721

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
P752 CONNOR-WINFIELD-P752 Datasheet
196Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P702 CONNOR-WINFIELD-P702 Datasheet
196Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
L703 CONNOR-WINFIELD-L703 Datasheet
196Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVDS 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
L753 CONNOR-WINFIELD-L753 Datasheet
158Kb / 2P
   HIGH FREQUENCY CLOCK OSCILLATOR 3.3V LVDS 5x7.0mm CERAMIC SURFACE MOUNT
P701 CONNOR-WINFIELD-P701 Datasheet
157Kb / 2P
   3.3V 5X7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
P731 CONNOR-WINFIELD-P731 Datasheet
198Kb / 2P
   3.3V 5 x 7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
   3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
X441 CONNOR-WINFIELD-X441 Datasheet
113Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X403 CONNOR-WINFIELD-X403 Datasheet
164Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X431 CONNOR-WINFIELD-X431 Datasheet
134Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com