Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1814M Datasheet(PDF) 4 Page - Linear Technology

Part # RH1814M
Description  Quad 3mA, 100MHz, 750V/關s Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814M Datasheet(HTML) 4 Page - Linear Technology

  RH1814M Datasheet HTML 1Page - Linear Technology RH1814M Datasheet HTML 2Page - Linear Technology RH1814M Datasheet HTML 3Page - Linear Technology RH1814M Datasheet HTML 4Page - Linear Technology RH1814M Datasheet HTML 5Page - Linear Technology RH1814M Datasheet HTML 6Page - Linear Technology RH1814M Datasheet HTML 7Page - Linear Technology RH1814M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RH1814M
(Pre-Irradiation)
TABLE 1: ELECTRICAL CHARACTERISTICS
–55°C ≤ TA ≤ 125°C
VS = 5V, VCM = 0V, unless otherwise noted.
TA = 25°C
SUB-
SUB-
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
VOS
Input Offset Voltage
(Note 4)
2
1
5
2,3
mV
∆VOS
Average Tempco of Offset
(Note 5)
30
µV/°C
∆Temp
Voltage
IOS
Input Offset Current
400
1
1000
2,3
nA
IB
Input Bias Current
±41
±10
2,3
µA
en
Input Noise Voltage
fO = 10kHz
8
nV/√Hz
Density
in
Input Noise Current
fO = 10kHz
1
pA/√Hz
Density
RIN
Input Resistance
VCM = 1.5V to 3.5V
3
MΩ
AVOL
Large-Signal Voltage Gain
VO = 1.5V to 3.5V, RL ≥ 500Ω
1
4
0.5
5,6
V/mV
VO = 1.5V to 3.5V, RL ≥ 100Ω
0.7
4
0.3
V/mV
Input Voltage Range
Guaranteed by CMRR
3.5
3.5
V
(Positive)
Input Voltage Range
Guaranteed by CMRR
1.5
1.5
V
(Negative)
CMRR
Common-Mode Rejection
VCM = 1.5V to 3.5V
73
1
68
dB
Ratio
PSRR
Power Supply Rejection
VS = ±2V to ±5.5V
78
1
72
2,3
dB
Ratio
Channel Separation
VOUT = 1.5V to 3.5V, RL = 100Ω
81
1
77
mA
VOUT
Output Voltage Swing
RL = 500Ω, 30mV Overdrive
3.9
4
3.5
5,6
V
(Positive)
RL = 100Ω, 30mV Overdrive
3.7
4
3.3
5,6
V
VOUT
Output Voltage Swing
RL = 500Ω, 30mV Overdrive
1.1
1.3
V
(Negative)
RL = 100Ω, 30mV Overdrive
1.3
1.5
5,6
V
IOUT
Maximum Output Current
VOUT = 1.5V or 3.5V,
±25
±15
mA
30mV Overdrive
ISC
Output Short-Circuit
VOUT = 2.5V, 1V Overdrive (Note 3)
±55
±30
mA
Current
IS
Supply Current
Per Amplifier
4
1
7.5
2,3
mA


Similar Part No. - RH1814M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1814M LINER-RH1814M Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
More results

Similar Description - RH1814M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
   3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com