Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1079ISW Datasheet(PDF) 3 Page - Linear Technology

Part # LT1079ISW
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079ISW Datasheet(HTML) 3 Page - Linear Technology

  LT1079ISW Datasheet HTML 1Page - Linear Technology LT1079ISW Datasheet HTML 2Page - Linear Technology LT1079ISW Datasheet HTML 3Page - Linear Technology LT1079ISW Datasheet HTML 4Page - Linear Technology LT1079ISW Datasheet HTML 5Page - Linear Technology LT1079ISW Datasheet HTML 6Page - Linear Technology LT1079ISW Datasheet HTML 7Page - Linear Technology LT1079ISW Datasheet HTML 8Page - Linear Technology LT1079ISW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1078/LT1079
10789fe
ELECTRICAL CHARACTERISTICS V
S = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C unless otherwise noted.
LT1078C/LT1079C
LT1078I/LT1079I
LT1078AC/LT1079AC
LT1078M/LT1079M
LT1078AM/LT1079AM
LT1078S8/LT1079SW
SYMBOL
PARAMETER
CONDITIONS (NOTE 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1078
30
70
40
120
µV
LT1078IS8/LT1078S8
60
180
µV
LT1079
35
100
40
150
µV
LT1079ISW/LT1079SW
60
300
µV
∆VOS
Long Term Input Offset
0.4
0.5
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
0.05
0.25
0.05
0.35
nA
IB
Input Bias Current
6
8
6
10
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 3)
0.6
1.2
0.6
µVP-P
Input Noise Voltage Density
fO = 10Hz (Note 3)
29
45
29
nV
√Hz
fO = 1000Hz (Note 3)
28
37
28
nV
√Hz
in
Input Noise Current
0.1Hz to 10Hz (Note 3)
2.3
4.0
2.3
pAP-P
Input Noise Current Density
fO = 10Hz (Note 3)
0.06
0.10
0.06
pA
√Hz
fO = 1000Hz
0.02
0.02
pA
√Hz
Input Resistance
(Note 4)
Differential Mode
400
800
300
800
M
Common Mode
6
6
G
Input Voltage Range
3.5
3.8
3.5
3.8
V
0
– 0.3
0
– 0.3
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.5V
97
110
94
108
dB
PSRR
Power Supply Rejection Ratio
VS = 2.3V to 12V
102
114
100
114
dB
AVOL
Large-Signal Voltage Gain
VO = 0.03V to 4V, No Load
200
1000
150
1000
V/mV
VO = 0.03V to 3.5V, RL = 50k
150
600
120
600
V/mV
Maximum Output Voltage
Output Low, No Load
3.5
6
3.5
6
mV
Swing
Output Low, 2k to GND
0.55
1.0
0.55
1.0
mV
Output Low, ISINK = 100µA
95
130
95
130
mV
Output High, No Load
4.2
4.4
4.2
4.4
V
Output High, 2k to GND
3.5
3.9
3.5
3.9
V
SR
Slew Rate
AV = 1, VS = ±2.5V
0.04
0.07
0.04
0.07
V/
µs
GBW
Gain Bandwidth Product
fO ≤ 20kHz
200
200
kHz
IS
Supply Current per Amplifier
38
50
39
55
µA
Channel Separation
∆VIN = 3V, RL = 10k
130
130
dB
Minimum Supply Voltage
(Note 5)
2.2
2.3
2.2
2.3
V


Similar Part No. - LT1079ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1079ISW LINER-LT1079ISW Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT1079ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com