Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1039 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1039
Description  RS232 Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1039 Datasheet HTML 4Page - Linear Technology LT1039 Datasheet HTML 5Page - Linear Technology LT1039 Datasheet HTML 6Page - Linear Technology LT1039 Datasheet HTML 7Page - Linear Technology LT1039 Datasheet HTML 8Page - Linear Technology LT1039 Datasheet HTML 9Page - Linear Technology LT1039 Datasheet HTML 10Page - Linear Technology LT1039 Datasheet HTML 11Page - Linear Technology LT1039 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1039/LT1039-16
1039fd
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
SW Package
18-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
S18 (WIDE) 0396
SEE NOTE
0.447 – 0.463*
(11.354 – 11.760)
15
14
13
12
11
10
16
9
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
17
18
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**


Similar Part No. - LT1039

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1039 TI-LT1039 Datasheet
76Kb / 7P
[Old version datasheet]   TRIPLE EIA-232 LINE TRANSCEIVER
logo
Linear Technology
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
logo
Texas Instruments
LT1039 TI1-LT1039 Datasheet
92Kb / 7P
[Old version datasheet]   TRIPLE EIA-232 LINE TRANSCEIVER
logo
Linear Technology
LT1039-16 LINER-LT1039-16 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
More results

Similar Description - LT1039

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_01 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com