Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L333-155.52 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # L333-155.52
Description  5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

L333-155.52 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  L333-155.52 Datasheet HTML 1Page - Connor-Winfield Corporation L333-155.52 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2007 The Connor-Winfield Corporation
Bulletin
DS021
Page
1of2
Revision
04
Date
27 Oct 2008
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Description
Features:
5.0x7.0mm
Surface Mount LVDS
Clock Oscillator Series
The Connor Winfield Lxxx - Series
is a 5x7.5mm Surface Mount,
LVDS, Fixed Frequency Crystal
Controlled Oscillator (XO) designed
for applications requiring tight
frequency stability, wide temperature
range and low jitter. Operating at 2.5V
or 3.3V supply voltage, the Lxxx -
Series provides an LVDS Differential
Outputs with enable / disable function.
The surface mount package is
designed for high-density mounting
and is optimum for mass production.
Model Lxxx - Series
5.0 x7.0mm Surface Mount Package
2.5V or 3.3V Operation
LVDS Output Logic
Frequency Stabilities Available:
14x / 24x
: +/-20ppm
x /
x
:
ppm
x /
2x
0pp
Temperature Ranges Available:
L1xx Series: 0 to 70°C
L2xx Series: -40 to 85°C
Low Jitter <1pS RMS
Tri-State Enable/Disable on Pad 1 or 2
Tape and Reel Packaging
RoHS Compliant / Lead Free
L
L
/ L34x / L44x
L11
L21 / L31x / L41x +/-25
L12
L2
/ L32x / L42x: +/-5
m
L13x / L23x / L33x / L43x: +/-100ppm
L3xx Series: 0 to 85°C
L4xx Series: -20 to 70°C
Model Specifications
Absolute Maximum Ratings
Table 1.0
Parameter
Units
Minimum
Nominal
Maximum
Units
Note
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
4.6
Vdc
Input Voltage
-0.5
-
Vcc+0.5
Vdc
Operating Specifications
Table 2.0
Parameter
Minimum
Nominal
Maximum
Units
Note
Center Frequency
(Fo)
20
-
260
MHz
Total Frequency Tolerance
(See Table 9 for full part number)
Model Lx4x
(See Table 9)
-20
-
20
ppm
1
Model Lx1x
(See Table 9)
-25
-
25
ppm
1
Model Lx2x
(See Table 9)
-50
-
50
ppm
1
Model Lx3x
(See Table 9)
-100
-
100
ppm
1
Operating Temperature Range
Model L1xx
(See Table 9)
0
-
70
°C
Model L3xx
(See Table 9)
0
-
85
°C
Model L2xx
(See Table 9)
-40
-
85
°C
Model L4xx
(See Table 9)
-20
-
70
°C
Supply Voltage
(Vcc)
Model Lxx2
E/D Pad 1 (See Table 9)
2.375
2.500
2.625
Vdc
Model Lxx3
E/D Pad 1 (See Table 9)
3.135
3.3
3.465
Vdc
Model Lxx4
E/D Pad 2 (See Table 9)
2.375
2.500
2.625
Vdc
Model Lxx5
E/D Pad 2 (See Table 9)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
45
65
mA
Period Jitter
-
3
5
ps RMS
Phase Jitter (BW=12kHz to 20MHz)
-
0.5
1
ps RMS
SSB Phase Noise at 10Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-140
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-145
-
dBc/Hz
Input Characteristics
Table 3.0
Parameter
Minimum
Nominal
Maximum
Units
Note
Disable Input Voltage (Low)
(Vil)
-
-
0.3Vcc
Vdc
2
Enable Input Voltage (High)
(Vih)
0.7Vcc
-
-Vdc
2
Enable Time
-
-
500
us
Disable Time
-
-
200
ns
Standby Current (when part is Disabled)
(Icc)
-
-
30
uA
LVDS Output Characteristics
Table 4.0
Parameter
Minimum
Nominal
Maximum
Units
Note
LOAD
-
-
100
Ohms
Output Differential Voltage
(Vod)
250
-
450
mV
3
Output Swing (Differential Output peak to
peak)
(Vopp)
500
700
900
mV
Duty Cycle measured at 50%
45
50
55
%
4
Differential Rise / Fall Time 20% to 80%
-
0.3
0.7
ns
Package Characteristics
Table 5.0
Package
Hermetically sealed ceramic package and metal cover.
Soldering Process
RoHS compliant, lead free, see solder profile on page 2.
CW
0849
L143
155.52M


Similar Part No. - L333-155.52

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L333 CRYDOM-L333 Datasheet
585Kb / 4P
   Power Modules
L333F CRYDOM-L333F Datasheet
585Kb / 4P
   Power Modules
More results

Similar Description - L333-155.52

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM112-155.52M CONNOR-WINFIELD-LM112-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
CWX823-012288M CONNOR-WINFIELD-CWX823-012288M Datasheet
98Kb / 2P
   5.0x7.0mm Surface Mount CMOS Clock Oscillator Series
X123-133.33M CONNOR-WINFIELD-X123-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
P123-155.52 CONNOR-WINFIELD-P123-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
PM112-155.52M CONNOR-WINFIELD-PM112-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL3225 RALTRON-CL3225 Datasheet
323Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL5032 RALTRON-CL5032 Datasheet
334Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
logo
MTRONPTI
M2702 MTRONPTI-M2702 Datasheet
581Kb / 5P
   SPECIFICATION FOR 5.0x7.0mm LVPECL/LVDS SMT OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com