Part Name
Included
start with
end
match
Description
OVA3HA1CB
14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO with OVEN READY MONITOR ( 2 Page)
CONNOR-WINFIELD
100%
2 page
Html Pages
1
2
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
EGOV5S3M
14
PIN
DIP
5.0V
HCMOS
STRATUM
3
OCVCXO
with
OVEN
READY
MONITOR
1
2
Connor-Winfield Corporation
CGOV3S3
14
PIN
DIP
3.3V
STRATUM
3
HCMOS
OCVCXO
1
2
Connor-Winfield Corporation
EGOV3S3
14
PIN
DIP
3.3V
HCMOS
STRATUM
3
OCVCXO
1
2
Connor-Winfield Corporation
CGOF3S3
14
PIN
DIP
3.3V
HCMOS
STRATUM
3
OCXO
1
2
Connor-Winfield Corporation
OVA3AB1AA
14
PIN
DIP
3.3V
LVMOS
STRATUM
3
OCVCXO
1
2
Connor-Winfield Corporation
OVA3AB4AA
14
PIN
DIP
3.3V
STRATUM
3
LVCMOS
OCVCXO
1
2
Connor-Winfield Corporation
AGOF3S3
14
PIN
DIP
3.3V
HCMOS
STRATUM
3
OCXO
1
2
Connor-Winfield Corporation
AGOV3S3
14
PIN
DIP
3.3V
LVMOS
STRATUM
3
OCVCXO
1
2
Connor-Winfield Corporation
AGOV3S3G
14
PIN
DIP
3.3V
LVMOS
STRATUM
3
OCVCXO
1
2
Connor-Winfield Corporation
BGOV3S3G
3.3V
14
PIN
DIP
STRATUM
3
LVCMOS
VCOCXO
1
2
Connor-Winfield Corporation
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl