Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OFB3JP2AB Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # OFB3JP2AB
Description  3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OFB3JP2AB Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  OFB3JP2AB Datasheet HTML 1Page - Connor-Winfield Corporation OFB3JP2AB Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Cx108
03
04/26/07
90%
50%
10%
ENVIRONMENTAL CHARACTERISTICS
Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55°C to 125°C, 300 cycles, 10 minute dwell, 1 minute
transition.
MECHANICAL CHARACTERISTICS
Vibration: Per MIL-STD-202, Method 204, Condition A. 10G’s peak, 10Hz to 500Hz, 15 minute cycles, 12 times each
perpendicular axis.
Shock: Per MIL-STD-202, Method 213, Condition F. 1500G’s, 1.0ms, half sine, 3 shocks per direction.
Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65°C, 10 cycles 10°C to 65°C.
Solder Profile
Pin Connections
Package Drawing
Output Waveform
Suggested Pad Layout
Test Circuit
Temperatures are measured at the OCXO
1.010 MAX
(25.7mm)
.100
(2.5mm)
.880 MAX
(22.35mm)
.700
(17.8mm)
.350
(8.89mm)
R .030
(.75mm)
.100
(2.5mm)
1
2
3
4
5
6
7
.300
(7.62mm)
.110
(2.79mm)
.110
(2.79mm)
1.010
(25.65mm)
.110
(2.79mm)
.110
(2.79mm)
.350
(8.89mm)
.350
(8.89mm)
.810
(20.57mm)
.300
(7.62mm)
.200
(5.08mm)
.200
(5.08mm)
1
2
5
4
3
6
7
TABLE 6.0
Pin
Function
1
N/C
2
N/C
3
Vcc
4
Output
5
N/C
6
N/C
7
Ground (Case)
0.590 +/-.008
(15.0 +/-0.2mm)
1
2
3
4
5
6
7


Similar Part No. - OFB3JP2AB

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
OFB3P-4-19 RICHCO-OFB3P-4-19 Datasheet
45Kb / 1P
   OPTICAL FIBER BRACKET, 3MM, PLUG-IN, 4 SLOT
More results

Similar Description - OFB3JP2AB

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
   3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
OFA3JP2AB CONNOR-WINFIELD-OFA3JP2AB Datasheet
216Kb / 2P
   3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
ESOF3S3 CONNOR-WINFIELD-ESOF3S3 Datasheet
189Kb / 2P
   SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
BSOV3S3 CONNOR-WINFIELD-BSOV3S3 Datasheet
192Kb / 2P
   SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
CSOV3S3 CONNOR-WINFIELD-CSOV3S3 Datasheet
198Kb / 2P
   SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
ASOV3S3 CONNOR-WINFIELD-ASOV3S3 Datasheet
193Kb / 2P
   SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OVA3BA2AA CONNOR-WINFIELD-OVA3BA2AA Datasheet
249Kb / 2P
   3.3V SURFACE MOUNT LVCMOS STRATUM 3 VCOCXO
ASOF3S3P CONNOR-WINFIELD-ASOF3S3P Datasheet
188Kb / 2P
   3.3V SURFACE MOUNT STRATUM 3 PLUS HCMOS OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com