Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ4270N0L Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZ4270N0L
Description  Silicon planar type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4270N0L Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZ4270N0L Datasheet HTML 1Page - Panasonic Semiconductor MAZ4270N0L Datasheet HTML 2Page - Panasonic Semiconductor MAZ4270N0L Datasheet HTML 3Page - Panasonic Semiconductor MAZ4270N0L Datasheet HTML 4Page - Panasonic Semiconductor MAZ4270N0L Datasheet HTML 5Page - Panasonic Semiconductor MAZ4270N0L Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAZ4000N Series
SKE00005CED
3
MAZ4150N
13.84
14.68
15.51
MAZ4150N0L
13.84
14.15
14.46
0.05
11.0
40
5
80
0.5
11.4
5
Brown Green
MAZ4150N0M
14.34
14.66
14.98
MAZ4150N0H
14.86
15.19
15.51
MAZ4160N
15.38
16.23
17.08
MAZ4160N0L
15.38
15.69
16.00
0.05
12.0
50
5
80
0.5
12.4
5
Brown Blue
MAZ4160N0M
15.86
16.18
16.50
MAZ4160N0H
16.36
16.72
17.08
MAZ4180N
16.94
17.98
19.02
MAZ4180N0L
16.94
17.32
17.70
0.05
13.0
60
5
80
0.5
14.4
5
Brown Gray
MAZ4180N0M
17.56
17.96
18.35
MAZ4180N0H
18.21
18.62
19.02
MAZ4200N
18.88
19.98
21.08
MAZ4200N0L
18.88
19.28
19.68
0.05
15.0
80
5
100
0.5
16.4
5
Red Black
MAZ4200N0M
19.53
19.95
20.37
MAZ4200N0H
20.22
20.65
21.08
MAZ4220N
20.89
22.02
23.15
MAZ4220N0L
20.89
21.33
21.76
0.05
17.0
80
5
100
0.5
18.4
5
Red
Red
MAZ4220N0M
21.56
22.01
22.45
MAZ4220N0H
22.25
22.70
23.15
MAZ4240N
22.93
24.25
25.57
MAZ4240N0L
22.93
23.45
23.96
0.05
19.0
100
5
120
0.5
20.4
5
Red Yellow
MAZ4240N0M
23.76
24.27
24.78
MAZ4240N0H
24.56
25.07
25.57
MAZ4270N
25.20
26.91
28.61
MAZ4270N0L
25.20
25.85
26.50
0.05
21.0
120
5
120
0.5
23.4
5
Red Purple
MAZ4270N0M
26.19
26.86
27.53
MAZ4270N0H
27.21
27.91
28.61
MAZ4300N
28.22
29.98
31.74
MAZ4300N0L
28.22
28.94
29.66
0.05
23.0
160
5
160
0.5
26.6
5
Orange Black
MAZ4300N0M
29.19
29.94
30.69
MAZ4300N0H
30.20
30.97
31.74
MAZ4330N
31.18
33.01
34.83
MAZ4330N0L
31.18
31.98
32.78
0.05
25.0
200
5
200
0.5
29.7
5
Orange Orange
MAZ4330N0M
32.15
32.97
33.79
MAZ4330N0H
33.13
33.98
34.83
MAZ4360N
34.12
36.02
37.91
MAZ4360N0L
34.12
34.99
35.86
0.05
27.0
250
5
250
0.5
33.0
5
Orange Blue
MAZ4360N0M
35.07
35.97
36.87
MAZ4360N0H
36.07
36.99
37.91
MAZ4390N
37.04
39.02
40.99
MAZ4390N0L
37.04
37.99
38.94
0.05
30.0
300
5
300
0.5
35.6
5
Orange White
MAZ4390N0M
38.00
38.97
39.94
MAZ4390N0H
38.99
39.99
40.99
s Electrical characteristics within part numbers (continued) T
a = 25°C
Part number
Zener voltage
VZ (V)
IR
RZ
RZK
SZ
IZ = 5 mA
(
µA)
VR
(
Ω)I
Z
(
Ω)I
Z
(mV/
°C) I
Z
Min
Nom
Max
Max
(V)
Max
(mA)
Max
(mA)
Typ
(mA)
1st.
2nd.
3rd.
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C.
2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C.
Temperature
coefficient of
zener voltage
Marking symbol
Color indication
Main body:
light purple



Zener operating
resistance
Reverse
current


Similar Part No. - MAZ4270N0L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4270N PANASONIC-MAZ4270N Datasheet
72Kb / 5P
   Silicon planar type
MAZ4270N-H PANASONIC-MAZ4270N-H Datasheet
72Kb / 5P
   Silicon planar type
MAZ4270N-L PANASONIC-MAZ4270N-L Datasheet
72Kb / 5P
   Silicon planar type
MAZ4270N-M PANASONIC-MAZ4270N-M Datasheet
72Kb / 5P
   Silicon planar type
More results

Similar Description - MAZ4270N0L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com