Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1180AMJ Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT1180AMJ
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1180AMJ Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT1180AMJ Datasheet HTML 1Page - Linear Integrated Systems LT1180AMJ Datasheet HTML 2Page - Linear Integrated Systems LT1180AMJ Datasheet HTML 3Page - Linear Integrated Systems LT1180AMJ Datasheet HTML 4Page - Linear Integrated Systems LT1180AMJ Datasheet HTML 5Page - Linear Integrated Systems LT1180AMJ Datasheet HTML 6Page - Linear Integrated Systems LT1180AMJ Datasheet HTML 7Page - Linear Integrated Systems LT1180AMJ Datasheet HTML 8Page - Linear Integrated Systems LT1180AMJ Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1180A/LT1181A
11801afb
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
Low Power 5V RS232
Dual Driver/Receiver with
0.1
µF Capacitors
R
Output Waveforms
LT1180A • TA02
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
RECEIVER
OUTPUT
CL = 50pF
INPUT
5k
5k
0.1
µF
LOGIC
INPUTS
LOGIC
OUTPUTS
ON/OFF
18
10
13
11
12
6
5
4
2
16
9
14
8
15
7
3
17
5V INPUT
V+ OUT
V OUT
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
LT1180A • TA01
LT1180A
+
0.1
µF
+
0.1
µF
0.1
µF
+
s
ESD Protection over
±10kV
s
Uses Small Capacitors: 0.1
µF
s
120kBaud Operation for RL = 3k, CL = 2500pF
s
250kBaud Operation for RL = 3k, CL = 1000pF
s
Outputs Withstand
±30V Without Damage
s
CMOS Comparable Low Power: 40mW
s
Operates from a Single 5V Supply
s
Rugged Bipolar Design
s
Outputs Assume a High Impedance State When Off
or Powered Down
s
Meets All RS232 Specifications
s
Available With or Without Shutdown
s
Absolutely No Latch-up
s
Available in SO Package
s
Portable Computers
s
Battery-Powered Systems
s
Power Supply Generator
s
Terminals
s
Modems
, LTC and LT are registered trademarks of Linear Technology Corporation.
TransZorb is a registered trademark of General Instruments, GSI
The LT
®1180A/LT1181A are dual RS232 driver/receiver
pairs with integral charge pump to generate RS232 volt-
age levels from a single 5V supply. These circuits feature
rugged bipolar design to provide operating fault tolerance
and ESD protection unmatched by competing CMOS
designs. Using only 0.1
µF external capacitors, these cir-
cuits consume only 40mW of power, and can operate to
120k baud even while driving heavy capacitive loads. New
ESD structures on the chip allow the LT1180A/LT1181A to
survive multiple
±10kV strikes, eliminating the need for
costly TransZorbs
® on the RS232 line pins. The LT1180A/
LT1181A are fully compliant with EIA RS232 standards.
Driver outputs are protected from overload, and can be
shorted to ground or up to
±30V without damage. During
shutdown or power-off conditions, driver and receiver
outputs are in a high impedance state, allowing line
sharing.
The LT1181A is available in 16-pin DIP and SO packages.
The LT1180A is supplied in 18-pin DIP and SO packages
for applications which require shutdown.


Similar Part No. - LT1180AMJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1180AMJ LINER-LT1180AMJ Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
More results

Similar Description - LT1180AMJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1381 LINER-LT1381 Datasheet
185Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1180A LINER-LT1180A Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1280A LINER-LT1280A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com