Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1160IN Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT1160IN
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1160IN Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT1160IN Datasheet HTML 1Page - Linear Integrated Systems LT1160IN Datasheet HTML 2Page - Linear Integrated Systems LT1160IN Datasheet HTML 3Page - Linear Integrated Systems LT1160IN Datasheet HTML 4Page - Linear Integrated Systems LT1160IN Datasheet HTML 5Page - Linear Integrated Systems LT1160IN Datasheet HTML 6Page - Linear Integrated Systems LT1160IN Datasheet HTML 7Page - Linear Integrated Systems LT1160IN Datasheet HTML 8Page - Linear Integrated Systems LT1160IN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1160/LT1162
11602fb
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Half-/Full-Bridge
N-Channel
Power MOSFET Drivers
Floating Top Driver Switches Up to 60V
Drives Gate of Top N-Channel MOSFET
above Load HV Supply
180ns Transition Times Driving 10,000pF
Adaptive Nonoverlapping Gate Drives Prevent
Shoot-Through
Top Drive Protection at High Duty Cycles
TTL/CMOS Input Levels
Undervoltage Lockout with Hysteresis
Operates at Supply Voltages from 10V to 15V
Separate Top and Bottom Drive Pins
The LT
®1160/LT1162 are cost effective half-/full-bridge
N-channel power MOSFET drivers. The floating driver can
drive the topside N-channel power MOSFETs operating off
a high voltage (HV) rail of up to 60V.
The internal logic prevents the inputs from turning on the
power MOSFETs in a half-bridge at the same time. Its
unique adaptive protection against shoot-through cur-
rents eliminates all matching requirements for the two
MOSFETs. This greatly eases the design of high efficiency
motor control and switching regulator systems.
During low supply or start-up conditions, the undervoltage
lockout actively pulls the driver outputs low to prevent the
power MOSFETs from being partially turned on. The 0.5V
hysteresis allows reliable operation even with slowly vary-
ing supplies.
The LT1162 is a dual version of the LT1160 and is available
in a 24-pin PDIP or in a 24-pin SO Wide package.
PWM of High Current Inductive Loads
Half-Bridge and Full-Bridge Motor Control
Synchronous Step-Down Switching Regulators
3-Phase Brushless Motor Drive
High Current Transducer Drivers
Class D Power Amplifiers
SV+
PV+
UV OUT
IN TOP
IN BOTTOM
14
13
12
11
9
8
1
10
4
2
3
BOOST
T GATE DR
T GATE FB
T SOURCE
B GATE DR
B GATE FB
LT1160
1N4148
HV = 60V MAX
CBOOST
1
µF
10
µF
25V
12V
PWM
0Hz TO 100kHz
1160 TA01
IRFZ44
IRFZ44
56
1000
µF
100V
SGND
PGND
IN TOP IN BOTTOM T GATE DR B GATE DR
LL
L
L
LH
L
H
HL
H
L
HH
L
L
+
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1160IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1160IN LINER-LT1160IN Datasheet
347Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
More results

Similar Description - LT1160IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1160 LINER-LT1160_15 Datasheet
239Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
LT1162 LINER-LT1162_15 Datasheet
239Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
LT1160 LINER-LT1160 Datasheet
347Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
   85V Half-Bridge MOSFET Drivers
MIC4100 MICREL-MIC4100 Datasheet
796Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com