Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1129CS8 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1129CS8
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1129CS8 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1129CS8 Datasheet HTML 1Page - Linear Integrated Systems LT1129CS8 Datasheet HTML 2Page - Linear Integrated Systems LT1129CS8 Datasheet HTML 3Page - Linear Integrated Systems LT1129CS8 Datasheet HTML 4Page - Linear Integrated Systems LT1129CS8 Datasheet HTML 5Page - Linear Integrated Systems LT1129CS8 Datasheet HTML 6Page - Linear Integrated Systems LT1129CS8 Datasheet HTML 7Page - Linear Integrated Systems LT1129CS8 Datasheet HTML 8Page - Linear Integrated Systems LT1129CS8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1129/LT1129-3.3/LT1129-5
112935fc
Note 6: Dropout voltage is the minimum input/output voltage required to
maintain regulation at the specified output current. In dropout the output
voltage will be equal to (VIN – VDROPOUT). Dropout voltage is measured
between the input pin and the output pin. External voltage drops between
the output pin and the sense pin will add to the dropout voltage.
Note 7: Ground pin current is tested with VIN = VOUT (nominal) and a
current source load. This means that the device is tested while operating
in its dropout region. This is the worst case ground pin current. The
ground pin current will decrease slightly at higher input voltages.
Note 8: Adjust pin bias current flows into the adjust pin.
Note 9: Shutdown pin current at VSHDN = 0V flows out of the shutdown pin.
Note 10: Quiescent current in shutdown is equal to the sum total of the
shutdown pin current (6µA) and the ground pin current (9µA).
Note 11: Reverse output current is tested with the input pin grounded. The
output pin and the sense pin are forced to the rated output voltage. This
current flows into the sense pin and out of the ground pin. For the LT1129
(adjustable version) the sense pin is internally tied to the output pin.
Note 12: For C-grade devices Regulated Output Voltage, Line Regulation,
and Load Regulation are guaranteed over the extended temperature range
of – 40°C to 125°C. These parameters are not tested or quality assurance
sampled at –40°C. They are guaranteed by design, correlation and/or
inference from 25°C and/or 0°C tests.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The shutdown pin input voltage rating is required for a low
impedance source. Internal protection devices connected to the shutdown
pin will turn on and clamp the pin to approximately 7V or – 0.6V. This
range allows the use of 5V logic devices to drive the pin directly. For high
impedance sources or logic running on supply voltages greater than 5.5V,
the maximum current driven into the shutdown pin must be limited to less
than 20mA.
Note 3: For junction temperatures greater than 110°C, a minimum load of
1mA is recommended. For TJ > 110°C and IOUT < 1mA, output voltage
may increase by 1%.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current the input voltage
range must be limited.
Note 5: The LT1129 is tested and specified with the adjust pin connected
to the output pin.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1129CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129CS8 LINER-LT1129CS8 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CS8 LINER-LT1129CS8 Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129CS8 LINER-LT1129CS8 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CS8 LINER-LT1129CS8 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CS8-3.3 LINER-LT1129CS8-3.3 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com