Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1085CT-3.6 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1085CT-3.6
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1085CT-3.6 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1085CT-3.6 Datasheet HTML 2Page - Linear Integrated Systems LT1085CT-3.6 Datasheet HTML 3Page - Linear Integrated Systems LT1085CT-3.6 Datasheet HTML 4Page - Linear Integrated Systems LT1085CT-3.6 Datasheet HTML 5Page - Linear Integrated Systems LT1085CT-3.6 Datasheet HTML 6Page - Linear Integrated Systems LT1085CT-3.6 Datasheet HTML 7Page - Linear Integrated Systems LT1085CT-3.6 Datasheet HTML 8Page - Linear Integrated Systems LT1085CT-3.6 Datasheet HTML 9Page - Linear Integrated Systems LT1085CT-3.6 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1083/LT1084/LT1085 Fixed
1083ffd
30
40
50
20
10
0
60
70
80
FREQUENCY (Hz)
10
1k
10k
100k
1083/4/5 FIXED G13
100
VRIPPLE
≤ 0.5VP-P
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
IOUT = IFULLLOAD
LT1083/4/5-12 Ripple Rejection
LT1085 Maximum Power
Dissipation*
CASE TEMPERATURE (
°C)
50
50
40
30
20
10
0
LT1083/4/5 FIXED G17
60 70 80 90 100 110 120 130 140 150
LT1085MK
LT1085CT
LT1085CK
* AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
LT1084 Maximum Power
Dissipation*
CASE TEMPERATURE (
°C)
50
60
50
40
30
20
10
0
LT1083/4/5 FIXED G16
60 70 80 90 100 110 120 130 140 150
LT1084MK
LT1084CT
LT1084CP
* AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
LT1084CK
CASE TEMPERATURE (
°C)
50
100
90
80
70
60
50
40
30
20
10
0
LT1083/4/5 FIXED G15
60 70 80 90 100 110 120 130 140 150
LT1083MK
LT1083CP
LT1083CK
* AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
LT1083 Maximum Power
Dissipation*
OUTPUT CURRENT (0 TO IFULLLOAD)
0
100
90
80
70
60
50
40
30
20
10
0
0.4
0.8
1.0
1083/4/5 FIXED G14
0.2
0.6
fR = 120Hz
VRIPPLE ≤ 3VP-P
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
LT1083/4/5-12 Ripple Rejection
vs Current
LT1083/4/5-5 Ripple Rejection
vs Current
LT1083/4/5-5 Ripple Rejection
OUTPUT CURRENT (0 TO IFULLLOAD)
0
100
90
80
70
60
50
40
30
20
10
0
0.4
0.8
1.0
1083/4/5 FIXED G11
0.2
0.6
fR = 120Hz
VRIPPLE ≤ 3VP-P
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
TEMPERATURE (
°C)
–50
0
1.0
150
LT1183/4/5 FIXED G12
–1.0
–2.0
0
50
100
2.0
–25
25
75
125
Temperature Stability
30
40
50
20
10
0
60
70
80
FREQUENCY (Hz)
10
1k
10k
100k
1083/4/5 FIXED G10
100
VRIPPLE
≤ 0.5VP-P
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
IOUT = IFULLLOAD
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1085CT-3.6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085CT-3.6 LINER-LT1085CT-3.6 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-3.6 LINER-LT1085CT-3.6 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-3.6 LINER-LT1085CT-3.6 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-3.6 LINER-LT1085CT-3.6 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-3.6PBF LINER-LT1085CT-3.6PBF Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1085CT-3.6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com