Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPLD62TBX-333.33M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # FPLD62TBX-333.33M
Description  SURFACE MOUNT 3.3V LVPECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FPLD62TBX-333.33M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  FPLD62TBX-333.33M Datasheet HTML 1Page - Connor-Winfield Corporation FPLD62TBX-333.33M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
HTTP://WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
FPLD62TBX is a fixed
frequency, surface mount
Crystal Controlled Oscillator
(XO) designed for
applications requiring low
jitter and a ±50ppm overall
stability. Operating at 3.3V
supply voltage, the
FPLD62TBX provides
LVPECL Differential Outputs
with Enable/Disable function.
1
2
FPLD62TBX - 333.33MHz
LVPECL
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LVPECL DIFFERENTIAL OUTPUTS
DISABLE FUNCTION PAD 2
LOW JITTER <3pS RMS
OVERALL FREQUENCY TOLERANCE
±50ppm
TEMPERATURE RANGE: -40 to 85°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD62TBX
Ec194
00
10/3/03
CW 0701
FPLD62TBX
333.33M
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
200
-
350
MHz
Total Frequency Tolerance
-50
50
ppm
1
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
80
mA
Jitter (BW=10Hz to 20MHz)
-
-
8
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
3
pS RMS
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (High)
(Vih)
2.275
-
-
Vdc
2
Enable Input Voltage (Low)
(Vil)
-
-
1.68
Vdc
2
PECL OUTPUT
CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
-
1
nS
PROCESS RECOMMENDATIONS
TABLE 6.0
Solder Reflow
The component solder used internal to this device has a melting point of
221
°C. The peak temperature inside the device should be less t han or equal
to 220
°C for a maximum of 10 seconds
Wash
Ultrasonic cleaning is not recommended.
Notes
1)
Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 20 years aging.
2)
When the oscillator is disabled, t he true output and the complementary output are in the high impedance s tate.
3)
Output must be terminated into 50 ohms t o Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 1.977V
PACKAGE CHARACTERISTICS
TABLE 5.0
Package
Non-hermetic package consisting of an FR4 subs trate with grounded metal
cover.


Similar Part No. - FPLD62TBX-333.33M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
FPLD62T2 CONNOR-WINFIELD-FPLD62T2 Datasheet
187Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD62T2-100.0M CONNOR-WINFIELD-FPLD62T2-100.0M Datasheet
187Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD62T2G CONNOR-WINFIELD-FPLD62T2G Datasheet
236Kb / 2P
   3.3V SURFACE MOUNT LVPECL CLOCK
FPLD62T2G-100.0M CONNOR-WINFIELD-FPLD62T2G-100.0M Datasheet
236Kb / 2P
   3.3V SURFACE MOUNT LVPECL CLOCK
More results

Similar Description - FPLD62TBX-333.33M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521 CONNOR-WINFIELD-FPLA521 Datasheet
118Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA542 CONNOR-WINFIELD-FPLA542 Datasheet
183Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
   3.3V SURFACE MOUNT LVPECL CLOCK
FPLD64BEX CONNOR-WINFIELD-FPLD64BEX Datasheet
238Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
EML5443G CONNOR-WINFIELD-EML5443G Datasheet
214Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com