Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1101 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LT1101
Description  Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1101 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LT1101 Datasheet HTML 6Page - Linear Integrated Systems LT1101 Datasheet HTML 7Page - Linear Integrated Systems LT1101 Datasheet HTML 8Page - Linear Integrated Systems LT1101 Datasheet HTML 9Page - Linear Integrated Systems LT1101 Datasheet HTML 10Page - Linear Integrated Systems LT1101 Datasheet HTML 11Page - Linear Integrated Systems LT1101 Datasheet HTML 12Page - Linear Integrated Systems LT1101 Datasheet HTML 13Page - Linear Integrated Systems LT1101 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1101
1101fa
TYPICAL PERFOR A CE CHARACTERISTICS
Warm-Up Drift
Noise Spectrum
Large Signal Transient Response
G = 10, VS = 5V, 0V
FREQUENCY (Hz)
0.1
10
100
1000
300
30
10
1000
100
1
LT1101 • TPC19
CURRENT
NOISE
VOLTAGE
NOISE
VS = ± 2.5V TO ± 15V
TA = 25°C
1/f CORNER
0.6Hz
TIME AFTER POWER ON (MINUTES)
0
0.4
0.2
12
0
0.8
0.6
3
LT1101 • TPC20
VS = ± 15V
TA = 25°C
WARM UP DRIFT
AT VS = 5V, 0V IS
IMMEASURABLY LOW
50µs/DIV
OUTPUT FROM 0V TO 4.5V, NO LOAD
Large Signal Transient Response
G = 10, VS = 15V
200µs/DIV
NO LOAD
Large Signal Transient Response
G = 100, VS = ±15V
200µs/DIV
NO LOAD
Large Signal Transient Response
G = 100, VS = 5V, 0V
100µs/DIV
OUTPUT FROM 0V TO 4.5V, NO LOAD
Small Signal Transient Response
G = 10, VS = 5V, 0V
20µs/DIV
OUTPUT FROM 0.05V TO 0.15V, NO LOAD
Small Signal Transient Response
G = 10, VS = ±15V
20µs/DIV
Small Signal Transient Response
G = 100, VS = 5V, 0V
200µs/DIV
OUTPUT FROM 0.05V TO 0.15V, NO LOAD
(RESPONSE WITH VS = ±15V, G = 100 IS IDENTICAL)
LT1101 • TPC20.1
LT1101 • TPC20.4
LT1101 • TPC20.2
LT1101 • TPC20.3
LT1101 • TPC20.5
LT1101 • TPC20.6
LT1101 • TPC20.7


Similar Part No. - LT1101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101 LINER-LT1101 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
LT1101AC LINER-LT1101AC Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101ACH LINER-LT1101ACH Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101ACJ8 LINER-LT1101ACJ8 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
More results

Similar Description - LT1101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
LT1102 LINER-LT1102_07 Datasheet
183Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
   High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com