Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1129CF-3.3 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1129CF-3.3
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1129CF-3.3 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1129CF-3.3 Datasheet HTML 1Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 2Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 3Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 4Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 5Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 6Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 7Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 8Page - Linear Integrated Systems LT1129CF-3.3 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1129/LT1129-3.3/LT1129-5
112935fc
Quiescent Current
LT1129-3.3
Output Voltage
LT1129
Adjust Pin Voltage
LT1129
Quiescent Current
LT1129-5
Quiescent Current
LT1129-3.3
Quiescent Current
Guaranteed Dropout Voltage
Dropout Voltage
LT1129-5
Output Voltage
OUTPUT CURRENT (A)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.2
0.4
0.5
1129 G02
0.1
0.3
0.6
0.7
0
= TEST POINTS
TJ ≤ 125°C
TJ ≤ 25°C
TEMPERATURE (°C)
–50
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
1129 G10
–25
25
100
125
A
C
D
E
B
A. ILOAD = 700mA
B. ILOAD = 500mA
C. ILOAD = 300mA
D. ILOAD = 100mA
E. ILOAD = 10mA
TEMPERATURE (°C)
–50
70
60
50
40
30
20
10
0
0
50
75
1129 G11
–25
25
100
125
VSHDN = 0V
VSHDN = OPEN (HI)
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1129 G13
2
4
6
10
135
79
VSHDN = 0V
ILOAD = 0
RLOAD =
VOUT = VADJ
VSHDN = OPEN (HI)
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1129 G14
2
4
6
10
135
79
VSHDN = 0V
ILOAD = 0
RLOAD =
VSHDN = OPEN (HI)
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1129 G12
2
4
6
10
135
79
ILOAD = 0
RLOAD =
VSHDN = 0V
VSHDN = OPEN (HI)
TEMPERATURE (°C)
–50
3.400
3.375
3.350
3.325
3.300
3.275
3.250
3.225
3.200
0
50
75
1129 G06
–25
25
100
125
ILOAD = 1mA
TEMPERATURE (°C)
–50
3.850
3.825
3.800
3.775
3.750
3.725
3.700
3.675
3.650
0
50
75
1129 G05
–25
25
100
125
ILOAD = 1mA
TEMPERATURE (°C)
–50
5.100
5.075
5.050
5.025
5.000
4.975
4.950
4.925
4.900
0
50
75
1129 G04
–25
25
100
125
ILOAD = 1mA
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1129CF-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129CQ LINER-LT1129CQ Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CQ LINER-LT1129CQ Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129CQ LINER-LT1129CQ Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CQ LINER-LT1129CQ Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CQ-3.3 LINER-LT1129CQ-3.3 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129CF-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com